Electronic Components Datasheet Search
  English  ▼

X  

2N6782 Datasheet(PDF) 2 Page - Seme LAB

Part # 2N6782
Description  N-CHANNEL POWER MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N6782 Datasheet(HTML) 2 Page - Seme LAB

  2N6782 Datasheet HTML 1Page - Seme LAB 2N6782 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V
V
nA
mA
A
V
W
V
S (É)
pF
ns
A
A
V
V
°C\W
THERMAL CHARACTERISTICS
2N6782
6/00
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
100*
2*
4.0*
1*
4.0*
100*
200*
-100*
0.25*
1*
3.5
2.1*
0.6*
1.08*
1.0*
3.0*
60*
200*
40*
100*
10*
25*
15*
25*
25*
20*
-3.5*
-8
-0.75*
-1.5*
200
8.33*
170
VGS = 0
ID = 0.25mA
VDS = VGS
ID = 0.5A
TA = 125°C
VGS = 20V
ID = 0.5A
TA = 125°C
VGS = -20V
VDS = 0.8 Max.
Ratings VGS =0
VDS = Max.
Ratings VGS =0
TC = 125°C
VDS ³ 2VDS(ON) VGS = 10V
VGS = 10V
ID = 3.5A
VGS = 10V
ID = 2.25A
TC = 125°C
VDS ³ 2VDS(ON) IDS = 2.25A
VGS = 0
VDS = 25V
f = 1MHz
VDD = 34V
ID = 2.25A
RG = 25W
RL = 15W
(MOSFET switching times are essentially
independent of operating temperature.)
MOdified MOS POWER
symbol showing the intergal
P-N junction rectifier.
IS = -3.5A
VGS = 0
TC = 25°C
IF =IS
TJ = 150°C
di / dt = 100A/ms
Free Air Operation
ELECTRICAL CHARACTERISTICS (Tcase = 25°C unless otherwise stated)
Drain – Source Breakdown Voltage
Gate Threshold Voltage
Gate Body Leakage Forward
Gate Body Leakage Reverse
Zero Gate Voltage Drain Current
On State Drain Current1
Static Drain Source On-State
Voltage1
Static Drain Source On-State
Resistance1
Forward Transductance 1
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
Turn–On Delay Time
Rise Time
Turn–Off Delay Time
Fall Time
Continuous Source Current Body
Diode
Source Current1 (Body Diode)
Diode Forward Voltage 1
Reverse Recovery Time
BVDSS
VGS(th)
IGSSF
IGSSR
IDSS
ID(on)
VDS(on)
RDS(on)
gfs
Ciss
Coss
Crss
td(on)
tr
td(off)
tf
IS
ISM
VSD
trr
RqJC
RqJPC
STATIC ELECTRICAL RATINGS
Notes
1) Pulse Test: Pulse Width
£ 300ms, d£ 2%
* JEDEC registered Values
DYNAMIC CHARACTERISTICS
BODY– DRAIN DIODE RATINGS & CHARACTERISTICS
Thermal Resistance Junction – Case
Thermal Resistance Junction – PC Board
,
5
/



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com