Electronic Components Datasheet Search
  English  ▼

X  

PB59 Datasheet(PDF) 3 Page - GREATECS

Part # PB59
Description  Silent Pushbutton Switch with LED
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

PB59 Datasheet(HTML) 3 Page - GREATECS

  PB59 Datasheet HTML 1Page - GREATECS PB59 Datasheet HTML 2Page - GREATECS PB59 Datasheet HTML 3Page - GREATECS PB59 Datasheet HTML 4Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Pushbutton Switches
Silent Pushbutton Switch with LED
PB59 Series
sales@greatecs.com
www.greatecs.com
3
8. DURABILITY
8.1. OPERATING LIFE WITHOUT LOAD 1,000,000 MIN.
8.2. OPERATING LIFE WITH LOAD 200,000 MIN.
8.3. SPECIFICATIONS
8.3.1.
8.3.2.
8.3.3.
8.3.4.
9. ENVIRONMENTAL PERFORMANCE
ITEM
TEST CONDITIONS
CRITERIA
9-1 COLD
-20 2
FOR 96
HOURS
1. IT SHOULD MEET THE REQUIREMENTS OF
ITEM 5 STATED
2. MECHANICAL PERFORMANCE SHOULD
REMAIN TO NORMAL
9-2 DRY HEAT
70 2
FOR 96
HOURS
1. THE CONTACT RESISTANCE SHOULD BE
LESS THAN 300 m
2. IT SHOULD MEET THE REQUIREMENTS OF
5-2 AND 5-3
3. MECHANICAL PERFORMANCE SHOULD
REMAIN TO NORMAL
9-3 DAMP HEAT 40 2
FOR 96 HOURS
1. THE CONTACT RESISTANCE SHOULD BE
LESS THAN 300 m
2. THE INSULATION RESISTANCE SHOULD BE
HIGHER THAN 10 M
3. DIELECTRIC STRENGTH SHOULD MEET 5-3
STATED
4. MECHANICAL PERFORMANCE SHOULD
REMAIN TO NORMAL
10. LED SPECIFICATIONS
LED SPECIFICATIONS WILL BE FURNISHED DEPENDING ON DIFFERENT LED COLOR
DEMAND



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com