Electronic Components Datasheet Search
  English  ▼

X  

PB59 Datasheet(PDF) 1 Page - GREATECS

Part # PB59
Description  Silent Pushbutton Switch with LED
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

PB59 Datasheet(HTML) 1 Page - GREATECS

  PB59 Datasheet HTML 1Page - GREATECS PB59 Datasheet HTML 2Page - GREATECS PB59 Datasheet HTML 3Page - GREATECS PB59 Datasheet HTML 4Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Pushbutton Switches
Silent Pushbutton Switch with LED
PB59 Series
sales@greatecs.com
www.greatecs.com
1
PB59
1
2
3
4
5
6
M
OPERATION:
Momentary
A
B
ACTUATOR & CAP:
A Type Actuator (only for Cap A)
B Type Actuator (only for Cap B & C)
1
3
7
A
B
C
CAP TYPE:
12mm Square Cap
15mm Square Cap
17.4mm Square Cap
4
J
C
F
G
E
JJ
CAP COLOR:
Transparent (Std.)
Red
Green
Blue
Yellow
Transparent (when indicate the
diffuser color)
8
B
C
F
G
E
BB
DIFFUSER PLATE COLOR:
White (Std.)
Red
Green
Blue
Yellow
White (when indicate the cap color)
7
N
G
F
C
B
E
COLOR LED 1 (L1 CHIP):
Without LED
Ultra Blue
Ultra Green
Ultra Red
Ultra White
Ultra Yellow
5
COLOR LED 2 (L2 CHIP):
6
PB59MTAA... A Type Actuator with A Type Cap
How to order:
SCHEMATIC
P.C.B LAYOUT
“BOTTOM VIEW“
“BOTTOM VIEW“
“BOTTOM VIEW“
T
N
ACTUATION:
Tactile Actuation
Non-Tactile Actuation
2
PF Pure Green
N
G
F
C
B
E
Without LED
Ultra Blue
Ultra Green
Ultra Red
Ultra White
Ultra Yellow
PF Pure Green
8
PB59MTBB... B Type Actuator with B Type Cap
PB59MTBC... B Type Actuator with C Type Cap


Similar Part No. - PB59

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
PB59 LUMILEDS-PB59 Datasheet
1Mb / 2P
High flux solution for signaling applications
More results

Similar Description - PB59

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP2D000SZBE ETC2-AP2D000SZBE Datasheet
374Kb / 6P
Industrial Pushbutton Switch
logo
GREATECS
PB9 GREATECS-PB9 Datasheet
982Kb / 1P
Momentary Pushbutton Switches with LED
PB40 GREATECS-PB40 Datasheet
1Mb / 7P
Illuminated Pushbutton Switch with LED
logo
C&K Components
QSA CK-COMPONENTS-QSA Datasheet
360Kb / 3P
Silent Navigation Switch for SMT
logo
Omron Electronics LLC
A22-6DG OMRON-A22-6DG Datasheet
223Kb / 13P
Pushbutton Switch
A22LHW6A11M OMRON-A22LHW6A11M Datasheet
223Kb / 13P
Pushbutton Switch
A226AR OMRON-A226AR Datasheet
223Kb / 13P
Pushbutton Switch
A2201A OMRON-A2201A Datasheet
223Kb / 13P
Pushbutton Switch
logo
C&K Components
PLP16 CK-COMPONENTS-PLP16 Datasheet
552Kb / 4P
Panel Mount LED Sealed Pushbutton Switch
8 Nov 21
AP CK-COMPONENTS-AP_V02 Datasheet
1Mb / 10P
Industrial Pushbutton Switch
28 Jul 21
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com