Electronic Components Datasheet Search
  English  ▼

X  

2N6798 Datasheet(PDF) 1 Page - Seme LAB

Part # 2N6798
Description  N-CHANNEL ENHANCEMENT MODE TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N6798 Datasheet(HTML) 1 Page - Seme LAB

  2N6798 Datasheet HTML 1Page - Seme LAB 2N6798 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Prelim. 6/99
2N6798
N-CHANNEL ENHANCEMENT
MODE TRANSISTOR
FEATURES
•V(BR)DSS = 200V
•ID = 5.5A
•RDSON = 0.40W
W
W
W
VDS
Drain–Source Voltage
VGS
Gate–Source Voltage
ID
Drain Current Continuous TC = 25°C
TC = 100°C
IDM
Drain Current Pulsed
IA
Avalanche Current
PD
Total Device Dissipation @ TC = 25°C
TC = 100°C
TJ , TSTG
Operating and Storage Junction Temperature Range
THERMAL CHARACTERISTICS
RqJC
Thermal Resistance Junction to Case
RqJC
Thermal Resistance Junction to Ambient
TL
Maximum Lead Temperature 1.5mm from Case for
10 secs.
200V
±20V
5.5A
3.5A
22A
3.1A
25W
10W
–55 to +150°C
5.0°CW
175°CW
300°C
MECHANICAL DATA
Dimensions in mm (inches)
TO–39 METAL PACKAGE
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
PIN 1 – Source
Underside View
PIN 2 – Gate
PIN 3 – Drain
0. 89
( 0 . 035)
ma x .
12. 7 0
( 0 . 500)
mi n .
6. 1 0 ( 0 . 2 40)
6. 6 0 ( 0 . 2 60)
8. 89 ( 0 . 35)
9. 40 ( 0 . 37)
7. 7 5 ( 0 . 3 05)
8. 5 1 ( 0 . 3 35)
7. 7 5 ( 0 . 3 05)
8. 5 1 ( 0 . 3 35)
di a.
0. 66 ( 0 . 026)
1. 14 ( 0 . 045)
0. 71 ( 0 . 028)
0. 86 ( 0 . 034)
2. 54
( 0 . 100)
5. 0 8 ( 0 . 2 00)
ty p .
45 °
1
2
3


Similar Part No. - 2N6798

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2N6798 ETC2-2N6798 Datasheet
47Kb / 5P
100 V, 200 V, 400 V & 500 V, N-Channel, Enhancement Mode MOSFET Power Transistor
logo
Microsemi Corporation
2N6798 MICROSEMI-2N6798 Datasheet
102Kb / 2P
N-CHANNEL MOSFET
logo
Seme LAB
2N6798 SEME-LAB-2N6798 Datasheet
42Kb / 2P
N-CHANNEL ENHANCEMENT
logo
Microsemi Corporation
2N6798 MICROSEMI-2N6798 Datasheet
174Kb / 3P
N-CHANNEL MOSFET
logo
TT Electronics.
2N6798 TTELEC-2N6798 Datasheet
296Kb / 3P
N-CHANNEL POWER MOSFET
More results

Similar Description - 2N6798

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BSH105 PHILIPS-BSH105 Datasheet
145Kb / 7P
N-channel enhancement mode MOS transistor
August 1998 Rev 1.000
BSP100 PHILIPS-BSP100 Datasheet
111Kb / 8P
N-channel enhancement mode TrenchMOS transistor
February 1999 Rev 1.000
IRFZ44N PHILIPS-IRFZ44N Datasheet
64Kb / 8P
N-channel enhancement mode TrenchMOS transistor
February 1999 Rev 1.000
logo
TEMIC Semiconductors
SMP40N10 TEMIC-SMP40N10 Datasheet
203Kb / 4P
N-Channel Enhancement-Mode Transistor
logo
Seme LAB
2N7085 SEME-LAB-2N7085 Datasheet
16Kb / 2P
N-CHANNEL ENHANCEMENT MODE TRANSISTOR
2N7086 SEME-LAB-2N7086 Datasheet
14Kb / 2P
N-CHANNEL ENHANCEMENT MODE TRANSISTOR
logo
Diodes Incorporated
BS107 DIODES-BS107 Datasheet
61Kb / 2P
N-CHANNEL ENHANCEMENT MODE TRANSISTOR
DA21804 Rev. C-3
BS170 DIODES-BS170 Datasheet
66Kb / 2P
N-CHANNEL ENHANCEMENT MODE TRANSISTOR
DS21802 Rev. D-3
logo
Hi-Sincerity Mocroelect...
H2N7000 HSMC-H2N7000 Datasheet
41Kb / 4P
N-CHANNEL ENHANCEMENT MODE TRANSISTOR
logo
List of Unclassifed Man...
SMM20N50 ETC1-SMM20N50 Datasheet
409Kb / 4P
N-CHANNEL ENHANCEMENT MODE TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com