Electronic Components Datasheet Search
  English  ▼

X  

2N6798 Datasheet(PDF) 2 Page - Seme LAB

Part # 2N6798
Description  N-CHANNEL ENHANCEMENT MODE TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N6798 Datasheet(HTML) 2 Page - Seme LAB

  2N6798 Datasheet HTML 1Page - Seme LAB 2N6798 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain–Source Breakdown Voltage
VGS(th)
Gate Thresshold Voltage
IGSS
Gate–Body Leakage
ID(on)
On-State Drain Current 1
IDSS
Zero Gate Voltage Drain Current
rDS(on)
Drain–Source On–Resistance1
gfs
Forward Transconductance1
Ciss
Input Capacitance
Coss
Output capacitance
Crss
Reverse Transfer Capacitance
tdon
Turn–On Delay Time
tr
RiseTime
td(of)
Turn off Delay Time
tf
FallTime
VSD
Diode Forward Voltage1
IS
Continues Current
ISM
Pulsed Current2
trr
Reverse Recovery Time
Qrr
Reverse Recovered Charge
VGS = 0
ID = 1000mA
VDS=VGS
ID = 250mA
VDS = 0
VGS = ±20V
VDS = 2.2
VGS = 10V
VDS =0.8 x V(BR)DSS
VGS = 0
Tj = 125°C
VGS = 10V
ID = 3.5A
VDS = 5V
ID = 3.5A
VDS = 25V
VGS = 0
f = 1.0MHZ
VDD = 77V
RL = 22
W
ID = 3.5A
VGEN = 10V
RG = 7.5 ohms
IF = IS
VGS = 0
IF = IS
dIF/DT = 100A/mS
200
2.0
4.0
100
5.5
25
250
0.25
4.0
2.5
3.0
600
250
80
8
30
42
50
12
50
30
40
1.4
5.5
22
150
500
6
V
nA
A
mA
W
s(
É)
pF
ns
V
A
ns
mC
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Prelim. 6/99
2N6798
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise stated)
1) Pulse test : Pulse Width < 300
ms ,Duty Cycle < 2%
2) Pulse width limited by maximum juction temperature
SOURCE DRAIN DIODE RATING CHARACTERISTICS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com