Electronic Components Datasheet Search
  English  ▼

X  

2N7085 Datasheet(PDF) 1 Page - Seme LAB

Part # 2N7085
Description  N-CHANNEL ENHANCEMENT MODE TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N7085 Datasheet(HTML) 1 Page - Seme LAB

  2N7085 Datasheet HTML 1Page - Seme LAB 2N7085 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2N7085
Prelim. 7/99
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
VDS
Drain – Source Voltage
VGS
Gate – Source Voltage
ID
Continuous Drain Current (TJ = 150°C)
TC = 25°C
TC = 100°C
IDM
Pulsed Drain Current
PD
Power Dissipation
TC = 25°C
TC = 100°C
TJ , Tstg
Operating Junction and Storage Temperature Range
TL
Lead Temperature (1/16” from case for 10 sec.)
100V
±20V
20A
12A
80A
60W
20W
–55 to 150°C
300°C
MECHANICAL DATA
Dimensions in mm(inches)
12 3
0.89 (0.035)
1.14 (0.045)
10.41 (0.410)
10.67 (0.420)
3.56 (0.140)
3.81 (0.150)
4.83 (0.190)
5.08 (0.200)
0.64 (0.025)
0.89 (0.035)
3.05 (0.120)
BSC
2.54 (0.100)
BSC
Dia.
Dia.
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
TO–257AB Metal Package
N–CHANNEL
ENHANCEMENT MODE
TRANSISTOR
FEATURES
• TO257AB HERMETIC PACKAGE FOR
HIGH RELIABILITY APPLICATIONS
• SCREENING OPTIONS AVAILBLE
• SIMPLE DRIVE REQUIREMENTS
Pin 1 – Gate
Pin 2 – Drain
Pin 3 – Source
V(BR)DSS
100V
ID(A)
20A
RDS(on)
0.075
W
W
W
W


Similar Part No. - 2N7085

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2N7085 ISC-2N7085 Datasheet
372Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - 2N7085

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BSH105 PHILIPS-BSH105 Datasheet
145Kb / 7P
N-channel enhancement mode MOS transistor
August 1998 Rev 1.000
BSP100 PHILIPS-BSP100 Datasheet
111Kb / 8P
N-channel enhancement mode TrenchMOS transistor
February 1999 Rev 1.000
IRFZ44N PHILIPS-IRFZ44N Datasheet
64Kb / 8P
N-channel enhancement mode TrenchMOS transistor
February 1999 Rev 1.000
logo
TEMIC Semiconductors
SMP40N10 TEMIC-SMP40N10 Datasheet
203Kb / 4P
N-Channel Enhancement-Mode Transistor
logo
Seme LAB
2N6798 SEME-LAB-2N6798 Datasheet
21Kb / 2P
N-CHANNEL ENHANCEMENT MODE TRANSISTOR
2N7086 SEME-LAB-2N7086 Datasheet
14Kb / 2P
N-CHANNEL ENHANCEMENT MODE TRANSISTOR
logo
Diodes Incorporated
BS107 DIODES-BS107 Datasheet
61Kb / 2P
N-CHANNEL ENHANCEMENT MODE TRANSISTOR
DA21804 Rev. C-3
BS170 DIODES-BS170 Datasheet
66Kb / 2P
N-CHANNEL ENHANCEMENT MODE TRANSISTOR
DS21802 Rev. D-3
logo
Hi-Sincerity Mocroelect...
H2N7000 HSMC-H2N7000 Datasheet
41Kb / 4P
N-CHANNEL ENHANCEMENT MODE TRANSISTOR
logo
List of Unclassifed Man...
SMM20N50 ETC1-SMM20N50 Datasheet
409Kb / 4P
N-CHANNEL ENHANCEMENT MODE TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com