Electronic Components Datasheet Search
  English  ▼

X  

AD7280A Datasheet(PDF) 13 Page - Analog Devices

Part # AD7280A
Description  Lithium Ion Battery Monitoring System Cell balancing interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7280A Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7280A Datasheet HTML 9Page - Analog Devices AD7280A Datasheet HTML 10Page - Analog Devices AD7280A Datasheet HTML 11Page - Analog Devices AD7280A Datasheet HTML 12Page - Analog Devices AD7280A Datasheet HTML 13Page - Analog Devices AD7280A Datasheet HTML 14Page - Analog Devices AD7280A Datasheet HTML 15Page - Analog Devices AD7280A Datasheet HTML 16Page - Analog Devices AD7280A Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
AD7280A
Rev. 0 | Page 13 of 48
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
–4.5
–3.0
–1.5
0
1.5
3.0
4.5
6.0
7.5
VDD = 8V
VDD = 10V
VDD = 16.8V
VDD = 22.5V
VDD = 29.9V
0
5
4
3
2
1
02
468
1
TIME (ms)
0
PD
VREG
VREF
Figure 16. Total Unadjusted Error for Auxiliary Channels (Absolute Value)
vs. Temperature for Different Supply Voltages
Figure 19. Power-Up Time, 10 μF Capacitor on the VREF and VREG Pins
0
5
4
3
2
1
02
468
1
TIME (ms)
0
PD
VREG
VREF
0
5
4
3
2
1
02
468
1
TIME (ms)
0
PD
VREG
VREF
Figure 17. Power-Up Time, 1 μF Capacitor on the VREF and VREG Pins
Figure 20. Power-Down Time, 10 μF Capacitor on the VREF and VREG Pins
3.2
5.2
4.8
4.4
4.0
3.6
08
700
600
500
400
300
200
100
LOAD CURRENT (nA)
0
5
4
3
2
1
02
468
1
TIME (ms)
0
PD
VREG
VREF
00
Figure 18. Power-Down Time, 1 μF Capacitor on the VREF and VREG Pins
Figure 21. CBx Output Voltage vs. Load Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com