Electronic Components Datasheet Search
  English  ▼

X  

AD7280A Datasheet(PDF) 3 Page - Analog Devices

Part # AD7280A
Description  Lithium Ion Battery Monitoring System Cell balancing interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7280A Datasheet(HTML) 3 Page - Analog Devices

  AD7280A Datasheet HTML 1Page - Analog Devices AD7280A Datasheet HTML 2Page - Analog Devices AD7280A Datasheet HTML 3Page - Analog Devices AD7280A Datasheet HTML 4Page - Analog Devices AD7280A Datasheet HTML 5Page - Analog Devices AD7280A Datasheet HTML 6Page - Analog Devices AD7280A Datasheet HTML 7Page - Analog Devices AD7280A Datasheet HTML 8Page - Analog Devices AD7280A Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
AD7280A
Rev. 0 | Page 3 of 48
SPECIFICATIONS
VDD = 8 V to 30 V, VSS = 0 V, DVCC = AVCC = VREG, VDRIVE = 2.7 V to 5.5 V, TA = −40°C to +105°C, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DC ACCURACY (VIN0 TO VIN6)1
Resolution
12
Bits
No missing codes
Integral Nonlinearity
±1
LSB
Differential Nonlinearity
±0.8
LSB
Offset Error
±1
LSB
Offset Error Match
1
LSB
Gain Error
±1
LSB
Gain Error Match
1
LSB
ADC Unadjusted Error2, 3
±1.2
mV
Total Unadjusted Error4, 5
±9
mV
VIN range6 = 1 V to 4.1 V, −10°C to +85°C
±10
mV
VIN range6 = 1 V to 4.1 V, −40°C to +85°C
±1.6
±14.5
mV
VIN range6 = 1 V to 4.1 V, −40°C to +105°C
CELL VOLTAGE INPUTS (VIN0 TO VIN6)
Pseudo Differential Input Voltage
VIN(x) − VIN(x − 1)
1
2 × VREF
V
Absolute Input Voltage
VCM − VREF
VCM + VREF
V
Common-Mode Input Voltage
0.5
27.5
V
Static Leakage Current7
±5
±70
nA
Dynamic Leakage Current7
±3
nA
CNVST pulse every 100 ms
Input Capacitance
15
pF
DC ACCURACY (AUX1 TO AUX6)1, 8
Resolution
12
Bits
No missing codes
Integral Nonlinearity
±1
LSB
Differential Nonlinearity
±0.8
LSB
Offset Error
±2
LSB
Offset Error Match
2
LSB
Gain Error
±2
LSB
Gain Error Match
2
LSB
ADC Unadjusted Error9
±1.2
mV
Total Unadjusted Error10
±20
mV
−40°C to +85°C
±1.6
±22
mV
−40°C to +105°C
AUXILIARY ADC INPUTS (AUX1 TO AUX6)
Input Voltage Range
0
2 × VREF
V
Static Leakage Current7
±15
nA
Dynamic Leakage Current7
±3
nA
CNVST pulse every 100 ms
Input Capacitance
15
pF
REFERENCE
Reference Voltage
2.494
2.5
2.506
V
−40°C to +85°C
2.494
2.5
2.509
V
−40°C to +105°C
Reference Voltage Temperature
Coefficient
±3
±15
ppm/°C
−40°C to +85°C
±11
ppm/°C
−40°C to +105°C
Output Voltage Hysteresis
50
ppm
−40°C to +105°C
Long-Term Drift
150
ppm/1000
hours
Line Regulation
±5
ppm/V
Turn-On Settling Time11, 12
5.5
10
ms
VREG = 1 μF, VREF = 1 μF, CREF = 100 nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com