Electronic Components Datasheet Search
  English  ▼

X  

ADATE318BCPZ Datasheet(PDF) 49 Page - Analog Devices

Part # ADATE318BCPZ
Description  600 MHz Dual Integrated DCL with PPMU, VHH Drive Capability, Level Setting DACs, and On-Chip
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE318BCPZ Datasheet(HTML) 49 Page - Analog Devices

Back Button ADATE318BCPZ Datasheet HTML 45Page - Analog Devices ADATE318BCPZ Datasheet HTML 46Page - Analog Devices ADATE318BCPZ Datasheet HTML 47Page - Analog Devices ADATE318BCPZ Datasheet HTML 48Page - Analog Devices ADATE318BCPZ Datasheet HTML 49Page - Analog Devices ADATE318BCPZ Datasheet HTML 50Page - Analog Devices ADATE318BCPZ Datasheet HTML 51Page - Analog Devices ADATE318BCPZ Datasheet HTML 52Page - Analog Devices ADATE318BCPZ Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 80 page
background image
ADATE318
Rev. 0 | Page 49 of 80
SPI INTERCONNECT DETAILS
ADATE318
(CHIP x)
SCLK
SDI
SDO
BUSY
CS
ADATE318
(CHIP 1)
SCLK
SDI
SDO
BUSY
CS
ADATE318
(CHIP 0)
SCLK
SDI
SDO
BUSY
CS
NOTES
1. x ≤ 4.
SCLK
CS[3:0]
SDI
SDO
BUSY
x
. . . . . . . . . . . .
Figure 113. Multiple SPI with Shared SDO Line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com