Electronic Components Datasheet Search
  English  ▼

X  

ADATE318BCPZ Datasheet(PDF) 21 Page - Analog Devices

Part # ADATE318BCPZ
Description  600 MHz Dual Integrated DCL with PPMU, VHH Drive Capability, Level Setting DACs, and On-Chip
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE318BCPZ Datasheet(HTML) 21 Page - Analog Devices

Back Button ADATE318BCPZ Datasheet HTML 17Page - Analog Devices ADATE318BCPZ Datasheet HTML 18Page - Analog Devices ADATE318BCPZ Datasheet HTML 19Page - Analog Devices ADATE318BCPZ Datasheet HTML 20Page - Analog Devices ADATE318BCPZ Datasheet HTML 21Page - Analog Devices ADATE318BCPZ Datasheet HTML 22Page - Analog Devices ADATE318BCPZ Datasheet HTML 23Page - Analog Devices ADATE318BCPZ Datasheet HTML 24Page - Analog Devices ADATE318BCPZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 80 page
background image
ADATE318
Rev. 0 | Page 21 of 80
Parameter
Min
Typ
Max
Unit
Test
Level
Conditions
DUTGND Voltage Accuracy
±2
mV
CT
Over ±0.1 V range; measured at end points of
VIH and VIL functional range
Output Resistance
46
48
50
Ω
P
ΔV/ΔI; VHH mode enabled, RCVx inactive;
Source: VIH = +3.0 V, I =
+1 mA, +50 mA;
Sink: VIL = +2.0 V; I = −1 mA, −50 mA
DC Output Current Limit Source
60
100
mA
P
VHH mode enabled, RCVx inactive,
VIH =
+6.0 V, short HVOUT pin to −0.1 V,
DATx high, measure current
DC Output Current Limit Sink
−100
−60
mA
P
VHH mode enabled, RCVx inactive,
VIL = −0.1 V, short HVOUT pin to
+6.0 V,
DATx low, measure current
Rise Time, VIL to VIH
6.4
ns
CB
20% to 80%, VHH mode enabled, RCVx
inactive, VIL = 0.0 V, VIH = 3.0 V, RLOAD > 500 Ω,
toggle DATx
Fall Time, VIH to VIL
7.3
ns
CB
20% to 80%, VHH mode enabled, RCVx
inactive, VIL = 0.0 V, VIH = 3.0 V, RLOAD > 500 Ω,
toggle DATx
Preshoot, Overshoot, and Undershoot
±30
mV
CB
VHH mode enabled, RCVx inactive,
VIL = 0.0 V, VIH = 3.0 V, RLOAD > 500 Ω,
toggle DATx
Table 12. Alarm Functions
Parameter
Min
Typ
Max
Unit
Test
Level
Condition
DC CHARACTERISTICS
Overvoltage Detect (OVD)
See Figure 137
Programmable Voltage Range
−2.5
+7.5
V
D
Uncalibrated Error at
−2.0 V
−200
+200
mV
P
Measured at DAC Code 0x0CCC (
−2.0 V); OVD comparators not
guaranteed to function as specified if VDUTx is outside
absolute maximum voltage range
Uncalibrated Error at
+7.0 V
−450
+450
mV
P
Measured at DAC Code 0xF333 (
+7.0 V)
Offset Voltage Tempco
±0.5
mV/°C
CT
Gain derived from measurements at DAC Code 0x4000 and
DAC Code 0xC000
Gain
1.045
V/V
CT
Hysteresis
125
mV
CT
Thermal Alarm
See Figure 137
Setpoint Error
±10
°C
CT
Relative to default value, 100°C
Thermal Hysteresis
−15
°C
CT
PPMU Clamp Alarm
See Figure 137 and Table 29 for electrical characteristics
ALARM Output Characteristics
Off State Leakage
10
500
nA
P
Disable alarm, apply 2.5 V to ALARM pin, measure leakage
current
Max On Voltage at100 μA
0.1
0.7
V
P
Activate alarm, force 100 μA into ALARM pin, measure active
alarm voltage
Propagation Delay
1.5
μs
CB
For OVD_HI:
VDUTx: 0 V to 6 V swing,
OVDH =
+3.0 V, OVDL = −1.0 V
For OVD_LO:
VDUTx: 0 V to 6 V swing,
OVDH =
+7.0 V, OVDL= +3.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com