Electronic Components Datasheet Search
  English  ▼

X  

AD9643-210EBZ Datasheet(PDF) 28 Page - Analog Devices

Part # AD9643-210EBZ
Description  14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9643-210EBZ Datasheet(HTML) 28 Page - Analog Devices

Back Button AD9643-210EBZ Datasheet HTML 24Page - Analog Devices AD9643-210EBZ Datasheet HTML 25Page - Analog Devices AD9643-210EBZ Datasheet HTML 26Page - Analog Devices AD9643-210EBZ Datasheet HTML 27Page - Analog Devices AD9643-210EBZ Datasheet HTML 28Page - Analog Devices AD9643-210EBZ Datasheet HTML 29Page - Analog Devices AD9643-210EBZ Datasheet HTML 30Page - Analog Devices AD9643-210EBZ Datasheet HTML 31Page - Analog Devices AD9643-210EBZ Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
AD9643
Rev. A | Page 28 of 36
CHANNEL/CHIP SYNCHRONIZATION
The AD9643 has a SYNC input that allows the user flexible
synchronization options for synchronizing the internal blocks.
The SYNC feature is useful for guaranteeing synchronized
operation across multiple ADCs. The input clock divider can be
synchronized using the SYNC input. The divider can be enabled
to synchronize on a single occurrence of the SYNC signal or on
every occurrence by setting the appropriate bits in Register 0x3A.
The SYNC input is internally synchronized to the sample clock.
However, to ensure that there is no timing uncertainty between
multiple parts, the SYNC input signal should be synchronized
to the input clock signal. The SYNC input should be driven
using a single-ended CMOS type signal.
Using Bit 1 in Register 0x59, the SYNC input can be set to either
level or edge sensitive mode. If the SYNC input is set to edge
sensitive mode, Bit 0 of Register 0x59 can be used to determine
whether the rising or falling edge is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com