Electronic Components Datasheet Search
  English  ▼

X  

AD9643-210EBZ Datasheet(PDF) 22 Page - Analog Devices

Part # AD9643-210EBZ
Description  14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9643-210EBZ Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9643-210EBZ Datasheet HTML 18Page - Analog Devices AD9643-210EBZ Datasheet HTML 19Page - Analog Devices AD9643-210EBZ Datasheet HTML 20Page - Analog Devices AD9643-210EBZ Datasheet HTML 21Page - Analog Devices AD9643-210EBZ Datasheet HTML 22Page - Analog Devices AD9643-210EBZ Datasheet HTML 23Page - Analog Devices AD9643-210EBZ Datasheet HTML 24Page - Analog Devices AD9643-210EBZ Datasheet HTML 25Page - Analog Devices AD9643-210EBZ Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
AD9643
Rev. A | Page 22 of 36
EQUIVALENT CIRCUITS
VIN
AVDD
Figure 39. Equivalent Analog Input Circuit
0.9V
15kΩ
15kΩ
CLK+
CLK–
AVDD
AVDD
AVDD
Figure 40. Equivalent Clock lnput Circuit
DRVDD
DATAOUT+
V–
V+
DATAOUT–
V+
V–
Figure 41. Equivalent LVDS Output Circuit
SDIO
350Ω
26kΩ
DRVDD
Figure 42. Equivalent SDIO Circuit
SCLK
OR
PDWN
350Ω
26kΩ
Figure 43. Equivalent SCLK or PDWN Input Circuit
CSB
OR
OEB
350Ω
26kΩ
AVDD
Figure 44. Equivalent CSB Input Circuit
AVDD
AVDD
16kΩ
0.9V
0.9V
SYNC
Figure 45. Equivalent SYNC Input Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com