Electronic Components Datasheet Search
  English  ▼

X  

AD624 Datasheet(PDF) 6 Page - Analog Devices

Part # AD624
Description  Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD624 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD624 Datasheet HTML 2Page - Analog Devices AD624 Datasheet HTML 3Page - Analog Devices AD624 Datasheet HTML 4Page - Analog Devices AD624 Datasheet HTML 5Page - Analog Devices AD624 Datasheet HTML 6Page - Analog Devices AD624 Datasheet HTML 7Page - Analog Devices AD624 Datasheet HTML 8Page - Analog Devices AD624 Datasheet HTML 9Page - Analog Devices AD624 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AD8426
Preliminary Technical Data
Rev. PrD | Page 6 of 20
Test Conditions/
Comments
A Grade
B Grade
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
Average Temperature
Coefficient
TA = −40°C to +125°C
0.5
3
0.5
1.5
μV/°C
Output Offset, VOSO
1200
800
μV
Average Temperature
Coefficient
TA = −40°C to +125°C
2
12
1
8
μV/°C
Offset RTI vs. Supply (PSR)
VS = 0 V to 1.7 V
G = 1
80
90
dB
G = 10
100
105
dB
G = 100
105
110
dB
G = 1000
105
110
dB
INPUT CURRENT
Input Bias Current1
TA = +25°C
5
20
27
5
20
27
nA
TA = +125°C
5
15
25
5
15
25
nA
TA = −40°C
5
30
35
5
30
35
nA
Average Temperature
Coefficient
TA = −40°C to +125°C
70
70
pA/°C
Input Offset Current
TA = +25°C
2
1
nA
TA = +125°C
2
1
nA
TA = −40°C
3
1
nA
Average Temperature
Coefficient
TA = −40°C to +125°C
5
5
pA/°C
REFERENCE INPUT
RIN
100
100
kΩ
IIN
7
7
μA
Voltage Range
−VS
+VS
−VS
+VS
V
Reference Gain to Output
1
1
V/V
Reference Gain Error
0.01
0.01
%
DYNAMIC RESPONSE
Small-Signal −3 dB Bandwidth
G = 1
1500
1500
kHz
G = 10
160
160
kHz
G = 100
20
20
kHz
G = 1000
2
2
kHz
Settling Time 0.01%
2 V step
G = 1
6
6
μs
G = 10
6
6
μs
G = 100
35
35
μs
G = 1000
350
350
μs
Slew Rate
 
 
G = 1
 
0.4
0.4
V/μs
G = 5 to 100
 
0.6
0.6
V/μs
GAIN
G = 1 + (49.4 kΩ/RG)
Gain Range
1
1000
1
1000
V/V
Gain Error
G = 1
VOUT = 0.8 V to 1.8 V
0.04
0.01
%
G = 5 to 1000
VOUT = 0.2 V to 2.5 V
0.3
0.1
%
Gain vs. Temperature2
G = 1
TA = −40°C to +85°C
5
1
ppm/°C
TA = +85°C to +125°C
5
2
ppm/°C
G > 1
TA = −40°C to +125°C
−100
-100
ppm/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com