Electronic Components Datasheet Search
  English  ▼

X  

AD624 Datasheet(PDF) 3 Page - Analog Devices

Part # AD624
Description  Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD624 Datasheet(HTML) 3 Page - Analog Devices

  AD624 Datasheet HTML 1Page - Analog Devices AD624 Datasheet HTML 2Page - Analog Devices AD624 Datasheet HTML 3Page - Analog Devices AD624 Datasheet HTML 4Page - Analog Devices AD624 Datasheet HTML 5Page - Analog Devices AD624 Datasheet HTML 6Page - Analog Devices AD624 Datasheet HTML 7Page - Analog Devices AD624 Datasheet HTML 8Page - Analog Devices AD624 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Preliminary Technical Data
AD8426
Rev. PrD | Page 3 of 20
SPECIFICATIONS
DUAL-SUPPLY OPERATION
+VS = +15 V, −VS = −15 V, VREF = 0 V, TA = 25°C, G = 1, RL = 10 kΩ, specifications referred to input, unless otherwise noted.
Table 2.
Test Conditions/
Comments
A Grade
B Grade
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
COMMON-MODE REJECTION
RATIO (CMRR)
VCM = −10 V to +10 V
CMRR, DC to 60 Hz
G = 1
80
86
dB
G = 10
100
105
dB
G = 100
105
110
dB
G = 1000
105
110
dB
CMRR at 5 kHz
G = 1
80
80
dB
G = 10
90
90
dB
G = 100
90
90
dB
G = 1000
100
100
dB
NOISE
Total noise:
eN = √(eNI2 + (eNO/G)2)
Voltage Noise
f = 1 kHz
Input Voltage Noise, eNI
22
24
22
24
nV/√Hz
Output Voltage Noise, eNO
120
125
120
125
nV/√Hz
RTI Noise
f = 0.1 Hz to 10 Hz
G = 1
2
2
μV p-p
G = 10
0.5
0.5
μV p-p
G = 100 to 1000
0.4
0.4
μV p-p
Current Noise
f = 1 kHz
100
100
fA/√Hz
f = 0.1 Hz to 10 Hz
3
3
pA p-p
VOLTAGE OFFSET
Total offset voltage:
VOS = VOSI + (VOSO/G)
Input Offset, VOSI
VS = ±5 V to ±15 V
300
150
μV
Average Temperature
Coefficient
TA = −40°C to +125°C
0.5
3
0.5
1.5
μV/°C
Output Offset, VOSO
VS = ±5 V to ±15 V
1200
800
μV
Average Temperature
Coefficient
TA = −40°C to +125°C
2
12
1
8
μV/°C
Offset RTI vs. Supply (PSR)
VS = ±5 V to ±15 V
G = 1
80
90
dB
G = 10
100
105
dB
G = 100
105
110
dB
G = 1000
105
110
dB
INPUT CURRENT
Input Bias Current1
TA = +25°C
5
20
27
5
20
27
nA
TA = +125°C
5
15
25
5
15
25
nA
TA = −40°C
5
30
35
5
30
35
nA
Average Temperature
Coefficient
TA = −40°C to +125°C
70
70
pA/°C
Input Offset Current
TA = +25°C
2
1
nA
TA = +125°C
2
1
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com