Electronic Components Datasheet Search
  English  ▼

X  

AD8253 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8253
Description  Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8253 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8253 Datasheet HTML 8Page - Analog Devices AD8253 Datasheet HTML 9Page - Analog Devices AD8253 Datasheet HTML 10Page - Analog Devices AD8253 Datasheet HTML 11Page - Analog Devices AD8253 Datasheet HTML 12Page - Analog Devices AD8253 Datasheet HTML 13Page - Analog Devices AD8253 Datasheet HTML 14Page - Analog Devices AD8253 Datasheet HTML 15Page - Analog Devices AD8253 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
AD8426
Preliminary Technical Data
Rev. PrD | Page 12 of 20
Only the positive signal path is amplified; the negative path
is unaffected. This uneven amplification degrades the CMRR of
the amplifier.
INCORRECT
AD8426
VREF
CORRECT
AD8426
OP1177
+
–
VREF
CORRECT
AD8426
AD8426
+
–
VREF
Figure 8. Driving the Reference Pin
INPUT VOLTAGE RANGE
The three op amp architecture of the AD8426 applies gain in the
first stage before removing common-mode voltage in the
difference amplifier stage. In addition, the input transistors in
the first stage shift the common-mode voltage up one diode
drop. Therefore, internal nodes between the first and second
stages (Node 1 and Node 2 in Figure 7) experience a combina-
tion of gained signal, common-mode signal, and a diode drop.
This combined signal can be limited by the voltage supplies even
when the individual input and output signals are not.
Equation 1 to Equation 3 can be used to understand how the
gain (G), common-mode input voltage (VCM), differential input
voltage (VDIFF), and reference voltage (VREF) interact. The values
for the constants, V−LIMIT, V+LIMIT, and VREF_LIMIT, at different temper-
atures are shown in Table 8. These three formulas, along with
the input and output range specifications in Table 2 and Table 3,
set the operating boundaries of the part.
LIMIT
S
DIFF
CM
V
V
G
V
V
2
)
)(
(
(1)
LIMIT
S
DIFF
CM
V
V
G
V
V
2
)
)(
(
(2)
LIMIT
REF
S
REF
CM
DIFF
V
V
V
V
G
V
_
2
2
)
)(
(
(3)
Table 8. Input Voltage Range Constants for Various
Temperatures
Temperature
V−LIMIT
V+LIMIT
VREF_LIMIT
−40°C
−0.55
+0.8
+1.3
+25°C
−0.35
+0.7
+1.15
+85°C
−0.15
+0.65
+1.05
+125°C
−0.05
+0.6
+0.9
The common-mode input voltage range shifts upward with temp-
erature. At cold temperatures, the part requires extra headroom
from the positive supply, whereas operation near the negative
supply has more margin. Conversely, at hot temperatures, the part
requires less headroom from the positive supply but is subject
to the worst-case conditions for input voltages near the negative
supply.
A typical part functions up to the boundaries described in this
section. However, for best performance, designing with a few
hundred millivolts extra margin is recommended. As signals
approach the boundary, internal transistors begin to saturate,
which can affect frequency and linearity performance.
LAYOUT
To ensure optimum performance of the AD8426 at the PCB
level, care must be taken in the design of the board layout.
The AD8426 pins are arranged in a logical manner to aid in
this task.
1
2
3
4
12
11
10
9
5
678
13
14
15
16
–IN1
+IN1
RG1
RG1
AD8426
–IN2
+IN2
RG2
RG2
Figure 9. Pinout Diagram
Package Considerations
The AD8426 is available in a 16-lead, 4 mm × 4 mm LFCSP with
no exposed paddle. The footprint from another 4 mm × 4 mm
LFCSP part should not be copied because it may not have the
correct lead pitch and lead width dimensions. Refer to the
Outline Dimensions section for the correct dimensions.
Hidden Paddle Package
The AD8426 is available in an LFCSP package with a hidden
paddle. Unlike chip scale packages where the pad limits routing
capability, this package allows routes and vias directly beneath
the chip, so that the full space savings of the small LFCSP can be
realized. Although the package has no metal in the center of the
part, the manufacturing process leaves a very small section of
exposed metal at each of the package corners, as shown in
Figure 10 and in Figure 17 in the Outline Dimensions section.
This metal is connected to –VS through the part. Because of the
possibility of a short, vias should not be placed underneath
these exposed metal tabs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com