Electronic Components Datasheet Search
  English  ▼

X  

AD8253 Datasheet(PDF) 17 Page - Analog Devices

Part # AD8253
Description  Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8253 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8253 Datasheet HTML 12Page - Analog Devices AD8253 Datasheet HTML 13Page - Analog Devices AD8253 Datasheet HTML 14Page - Analog Devices AD8253 Datasheet HTML 15Page - Analog Devices AD8253 Datasheet HTML 16Page - Analog Devices AD8253 Datasheet HTML 17Page - Analog Devices AD8253 Datasheet HTML 18Page - Analog Devices AD8253 Datasheet HTML 19Page - Analog Devices AD8253 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Preliminary Technical Data
AD8426
Rev. PrD | Page 17 of 20
OUTLINE DIMENSIONS
COMPLIANT
TO JEDEC STANDARDS MO-263-VBBC
3.75
BCS SQ
4.00
BSC SQ
0.65
BSC
0.75
0.60
0.50
TOP VIEW
12° MAX
0.80 MAX
0.65 TYP
SEATING
PLANE
PIN 1
INDICATOR
COPLANARITY
0.08
1.00
0.85
0.80
0.35
0.30
0.25
0.05 MAX
0.02 NOM
0.20 REF
BOTTOM VIEW
0.60 MAX
0.60 MAX
1.95 REF
SQ
1
16
5
8
9
12
13
4
Figure 17. 16-Lead Lead Frame Chips Scale Package [LFCSP_VQ]
4 mm × 4 mm Body, Very Thin Quad, with Hidden Paddle
(CP-16-19)
Dimensions shown in millimeters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com