Electronic Components Datasheet Search
  English  ▼

X  

ADP1874 Datasheet(PDF) 36 Page - Analog Devices

Part # ADP1874
Description  Synchronous Buck Controller with Constant On-Time and Valley Current Mode
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1874 Datasheet(HTML) 36 Page - Analog Devices

Back Button ADP1874 Datasheet HTML 32Page - Analog Devices ADP1874 Datasheet HTML 33Page - Analog Devices ADP1874 Datasheet HTML 34Page - Analog Devices ADP1874 Datasheet HTML 35Page - Analog Devices ADP1874 Datasheet HTML 36Page - Analog Devices ADP1874 Datasheet HTML 37Page - Analog Devices ADP1874 Datasheet HTML 38Page - Analog Devices ADP1874 Datasheet HTML 39Page - Analog Devices ADP1874 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 44 page
background image
ADP1874/ADP1875
Rev. 0 | Page 36 of 44
LAYOUT CONSIDERATIONS
The performance of a dc-to-dc converter depends highly on how
the voltage and current paths are configured on the printed circuit
board (PCB). Optimizing the placement of sensitive analog and
power components is essential to minimize output ripple,
maintain tight regulation specifications, and reduce PWM jitter
and electromagnetic interference.
Figure 90 shows the schematic of a typical ADP1874/ADP1875
used for a high current application. Blue traces denote high current
pathways. VIN, PGND, and VOUT traces should be wide and
possibly replicated, descending down into the multiple layers.
Vias should populate, mainly around the positive and negative
terminals of the input and output capacitors, alongside the source
of Q1/Q2, the drain of Q3/Q4, and the inductor.
10kΩ
VREG
MURATA: (HIGH VOLTAGE INPUT CAPACITORS)
22µF, 25V, X7R, 1210 GRM32ER71E226KE15L
PANASONIC: (OUTPUT CAPACITORS)
270µF, SP-SERIES, 4V, 7mΩ EEFUE0G271LR
INFINEON MOSFETs:
BSC042N03MS G (LOWER SIDE)
BSC080N03MS G (UPPER SIDE)
WÜRTH INDUCTORS:
1µH, 3.8mΩ, 16A 7443552100
Q3
Q4
Q1
Q2
HIGH VOLTAGE INPUT
VIN = 12V
CBST
100nF
VOUT = 1.8V, 15A
C3
22µF
C4
22µF
C5
22µF
C6
22µF
C7
22µF
C8
N/A
C9
N/A
C23
270µF
+
C22
270µF
+
C21
270µF
+
C20
270µF
+
C27
N/A
C14 TO C19
N/A
+
C26
N/A
+
C25
N/A
+
C24
N/A
+
1.0µH
RSNB
2Ω
CSNB
1.5nF
RTOP 2kΩ
R7 10kΩ
RBOT
1kΩ
VOUT
1
VIN
16
BST
2
COMP
15
SW
3
EN
14
DRVH
5
GND
12
DRVL
ADP1874/
ADP1875
CC
430pF
CPAR
53pF
RC
57kΩ
C1
1µF
CVIN
22µF
C2
0.1µF
JP3
RRES
100kΩ
4
FB
13
PGND
6
RES
11
PGOOD
7
VREG
10
SS
8
VREG_IN
9
TRACK
5kΩ
VREG
CSS
34nF
VREG
Figure 90. ADP1874 High Current Evaluation Board Schematic (Blue Traces Indicate High Current Paths)
INPUT CAPACITORS
ARE MOUNTED CLOSE
TO DRAIN OF Q1/Q2
AND SOURCE OF Q3/Q4
SEPARATE ANALOG
GROUND PLANE FOR
COMPENSATION AND
FEEDBACK RESISTORS
SENSITIVE ANALOG
COMPONENTS
LOCATED FAR
FROM NOISY
POWER SECTION
OUTPUT
CAPACITORS
ARE MOUNTED
AT RIGHTMOST
AREA OF
EVALUATION
BOARD
Figure 91. Overall Layout of the ADP1870 High Current Evaluation Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com