Electronic Components Datasheet Search
  English  ▼

X  

ADP1874 Datasheet(PDF) 28 Page - Analog Devices

Part # ADP1874
Description  Synchronous Buck Controller with Constant On-Time and Valley Current Mode
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1874 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADP1874 Datasheet HTML 24Page - Analog Devices ADP1874 Datasheet HTML 25Page - Analog Devices ADP1874 Datasheet HTML 26Page - Analog Devices ADP1874 Datasheet HTML 27Page - Analog Devices ADP1874 Datasheet HTML 28Page - Analog Devices ADP1874 Datasheet HTML 29Page - Analog Devices ADP1874 Datasheet HTML 30Page - Analog Devices ADP1874 Datasheet HTML 31Page - Analog Devices ADP1874 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
ADP1874/ADP1875
Rev. 0 | Page 28 of 44
Ceramic capacitors are known to have low ESR. However, there
is a trade-off in using the popular X5R capacitor technology
because up to 80% of its capacitance may be lost due to derating
as the voltage applied across the capacitor is increased (see
Figure 86). Although X7R series capacitors can also be used, the
available selection is limited to 22 μF maximum.
20
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
0
5
10
15
20
25
30
DC VOLTAGE (VDC)
X7R (50V)
X5R (25V)
X5R (16V)
10µF TDK 25V, X7R, 1210 C3225X7R1E106M
22µF MURATA 25V, X7R, 1210 GRM32ER71E226KE15L
47µF MURATA 16V, X5R, 1210 GRM32ER61C476KE15L
Figure 86. Capacitance vs. DC Voltage Characteristics for Ceramic Capacitors
Electrolytic capacitors satisfy the bulk capacitance requirements
for most high current applications. However, because the ESR
of electrolytic capacitors is much higher than that of ceramic
capacitors, several MLCCs should be mounted in parallel with
the electrolytic capacitors to reduce the overall series resistance.
COMPENSATION NETWORK
Due to its current-mode architecture, the ADP1874/ADP1875
require Type II compensation. To determine the component
values needed for compensation (resistance and capacitance
values), it is necessary to examine the converter’s overall loop
gain (H) at the unity gain frequency (fSW/10) when H = 1 V/V.
FILT
COMP
OUT
REF
CS
M
Z
Z
V
V
G
G
H
×
×
×
×
=
= V/V
1
Examining each variable at high frequency enables the unity-
gain transfer function to be simplified to provide expressions
for the RCOMP and CCOMP component values.
Output Filter Impedance (ZFILT)
Examining the filter’s transfer function at high frequencies
simplifies to
OUT
L
OUT
L
FILTER
C
ESR
R
s
C
ESR
s
R
Z
)
(
1
1
+
+
×
×
+
×
=
at the crossover frequency (s = 2πfCROSS). ESR is the equivalent
series resistance of the output capacitors.
Error Amplifier Output Impedance (ZCOMP)
Assuming that CC2 is significantly smaller than CCOMP, CC2 can
be omitted from the output impedance equation of the error
amplifier. The transfer function simplifies to
2
2
ZERO
CROSS
CROSS
COMP
COMP
f
f
f
R
Z
+
×
=
and
SW
CROSS
f
f
×
=
12
1
where fZERO, the zero frequency, is set to be 1/4 the crossover
frequency for the ADP1874.
Error Amplifier Gain (Gm)
The error amplifier gain (transconductance) is
Gm = 500 μA/V (μs)
Current-Sense Loop Gain (GCS)
The current-sense loop-gain is
ON
CS
CS
R
A
G
×
=
1
(A/V)
where:
ACS (V/V) is programmable for 3 V/V, 6 V/V, 12 V/V, and 24 V/V
(see the Programming Resistor (RES) Detect Circuit and Valley
Current-Limit Setting sections).
RON is the channel impedance of the lower-side MOSFET.
Crossover Frequency
The crossover frequency is the frequency at which the overall
loop (system) gain is 0 dB (H = 1 V/V). It is recommended for
current-mode converters, such as the ADP1874, that the user
set the crossover frequency between 1/10 and 1/15 the
switching frequency.
SW
CROSS
f
f
12
1
=
The relationship between CCOMP and fZERO (zero frequency) is as
follows:
COMP
COMP
ZERO
C
R
f
×
×
π
=
2
1
The zero frequency is set to 1/4 the crossover frequency.
Combining all of the above parameters results in
()
()
CS
M
REF
OUT
L
OUT
OUT
L
ZERO
CROSS
CROSS
COMP
G
G
V
V
R
C
ESR
s
C
ESR
R
s
f
f
f
R
1
1
1
)
(
1
2
2
2
2
2
2
×
×
×
×
×
+
+
+
×
+
=
where ESR is the equivalent series resistance of the output
capacitors.
ZERO
COMP
COMP
f
R
C
×
×
π
×
=
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com