Electronic Components Datasheet Search
  English  ▼

X  

ADP2126 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP2126
Description  Ultralow Profile, 500 mA, 6 MHz, Synchronous, Step-Down, DC-to-DC Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2126 Datasheet(HTML) 4 Page - Analog Devices

  ADP2126 Datasheet HTML 1Page - Analog Devices ADP2126 Datasheet HTML 2Page - Analog Devices ADP2126 Datasheet HTML 3Page - Analog Devices ADP2126 Datasheet HTML 4Page - Analog Devices ADP2126 Datasheet HTML 5Page - Analog Devices ADP2126 Datasheet HTML 6Page - Analog Devices ADP2126 Datasheet HTML 7Page - Analog Devices ADP2126 Datasheet HTML 8Page - Analog Devices ADP2126 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADP2126/ADP2127
Rev. A | Page 4 of 20
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
TIMING
See Figure 3 and Figure 4
VIN High to EXTCLK On2
t1
VIN = 2.1 V to 5.5 V
200
μs
EXTCLK On to VOUT Rising
t2 (CLOCK)
DEXTCLK = 40% to 60%, fEXTCLK = 6 MHz
250
320
400
μs
DEXTCLK = 40% to 60%, fEXTCLK = 27 MHz
250
320
400
μs
EXTCLK On to VOUT Rising
t2 (LOGIC)
EXTCLK = logic high
285
315
385
μs
VOUT Power-Up Time (Soft Start)2
t3
COUT = 2.2 μF, RLOAD = 3.6 Ω
70
200
μs
EXTCLK Off to VOUT Falling
t5 (CLOCK)
DEXTCLK = 40% to 60%, fEXTCLK = 6 MHz to 27 MHz
9
17
μs
EXTCLK Off to VOUT Falling
t5 (LOGIC)
EXTCLK = logic high, no load
0
μs
VOUT Power-Down Time
t6
COUT = 2.2 μF, RLOAD = 3.6 Ω
16
μs
COUT = 2.2 μF, no load
465
μs
Minimum Shutdown Time2
t5 + t6
COUT = 2.2 μF, no load
1400
μs
Minimum Power-Off Time2
t7
500
μs
1 The total shutdown current is the addition of VIN shutdown current and SW leakage.
2 Guaranteed by design.
3 Transients not included in voltage accuracy specifications.
4 The PFM output voltage will be higher than the PWM output voltage. See the Typi
section.
cal Performance Characteristics
5 Thermal shutdown protection is only active in PWM mode.
TIMING DIAGRAMS
t6
t7
t5
t3
t2
t1
VOUT(NOM) × 10%
VIN × 10%
VIN × 90%
VIN
VOUT
EXTCLK
Figure 3. Clock Enable I/O Timing Diagram
t6
t7
t5
t3
t2
t1
VOUT(NOM) × 10%
VIN × 10%
VIN × 90%
VIN
VOUT
EXTCLK
Figure 4. Logic Enable I/O Timing Diagram (Logic High Enable Feature Only Available on Certain Models)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com