Electronic Components Datasheet Search
  English  ▼

X  

ADP2126 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP2126
Description  Ultralow Profile, 500 mA, 6 MHz, Synchronous, Step-Down, DC-to-DC Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2126 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP2126 Datasheet HTML 6Page - Analog Devices ADP2126 Datasheet HTML 7Page - Analog Devices ADP2126 Datasheet HTML 8Page - Analog Devices ADP2126 Datasheet HTML 9Page - Analog Devices ADP2126 Datasheet HTML 10Page - Analog Devices ADP2126 Datasheet HTML 11Page - Analog Devices ADP2126 Datasheet HTML 12Page - Analog Devices ADP2126 Datasheet HTML 13Page - Analog Devices ADP2126 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ADP2126/ADP2127
Rev. A | Page 10 of 20
TIME (100µs/DIV)
OUTPUT VOLTAGE (500mV/DIV)
INDUCTOR CURRENT (200mA/DIV)
EXTCLK PIN VOLTAGE (5V/DIV)
NO LOAD
1
4
2
Figure 24. Startup, No Load
TIME (100µs/DIV)
OUTPUT VOLTAGE (500mV/DIV)
INDUCTOR CURRENT (200mA/DIV)
EXTCLK PIN VOLTAGE (5V/DIV)
RLOAD = 3.6Ω
1
2
4
Figure 25. Startup, RLOAD = 3.6 Ω
5.50
5.45
5.40
5.35
5.30
5.25
–2.0 –1.5 –1.0 –0.5
0
0.5
1.0
1.5
2.0
TIME (ns)
Figure 26. Spread Spectrum Switching Frequency
TIME (400ns/DIV)
OUTPUT VOLTAGE (20mV/DIV)
1.20V OFFSET
INDUCTOR CURRENT (200mA/DIV)
SW PIN VOLTAGE (5V/DIV)
ILOAD = 100mA
1
2
4
Figure 27. Typical PFM Mode Operation, ILOAD = 100 mA
TIME (100ns/DIV)
OUTPUT VOLTAGE (10mV/DIV)
1.20V OFFSET
INDUCTOR CURRENT (200mA/DIV)
SW PIN VOLTAGE (5V/DIV)
ILOAD = 150mA
1
4
4
Figure 28. Typical PWM Mode Operation, ILOAD = 150 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com