Electronic Components Datasheet Search
  English  ▼

X  

ADRF6702 Datasheet(PDF) 10 Page - Analog Devices

Part # ADRF6702
Description  1550 MHz to 2650 MHz Quadrature Modulator with 2100 MHz to 2600 MHz Frac-N PLL
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6702 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADRF6702 Datasheet HTML 6Page - Analog Devices ADRF6702 Datasheet HTML 7Page - Analog Devices ADRF6702 Datasheet HTML 8Page - Analog Devices ADRF6702 Datasheet HTML 9Page - Analog Devices ADRF6702 Datasheet HTML 10Page - Analog Devices ADRF6702 Datasheet HTML 11Page - Analog Devices ADRF6702 Datasheet HTML 12Page - Analog Devices ADRF6702 Datasheet HTML 13Page - Analog Devices ADRF6702 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
ADRF6703
Rev. 0 | Page 10 of 36
TYPICAL PERFORMANCE CHARACTERISTICS
VS = 5 V; TA = 25°C; baseband I/Q amplitude = 1 V p-p differential sine waves in quadrature with a 500 mV dc bias; baseband I/Q
frequency (fBB) = 1 MHz; fPFD = 38.4 MHz; fREF = 153.6 MHz at +4 dBm Re:50 Ω (1 V p-p); 130 kHz loop filter, unless otherwise noted.
0
1
2
3
4
5
6
7
8
9
10
2100 2150 2200 2250 2300 2350 2400 2450 2500 2550 2600
LO FREQUENCY (MHz)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 4. Single Sideband (SSB) Output Power (POUT) vs.
LO Frequency (fLO) and Temperature; Multiple Devices Shown
10
11
12
13
14
15
16
17
18
19
20
2100 2150 2200 2250 2300 2350 2400 2450 2500 2550 2600
LO FREQUENCY (MHz)
VS = 5.25V
VS = 4.75V
VS = 5.00V
Figure 5. SSB Output 1dB Compression Point (OP1dB) vs. LO Frequency (fLO)
and Temperature; Multiple Devices Shown
–20
–16
–12
–8
–4
0
4
8
12
16
20
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0.1
1
10
BASEBAND INPUT VOLTAGE (V p-p Differential)
CARRIER
FEEDTHROUGH (dBm)
THIRD-ORDER DISTORTION (dBc)
SSB OUTPUT POWER (dBm)
SIDEBAND
SUPPRESSION (dBc)
SECOND-ORDER DISTORTION (dBc)
Figure 6. SSB Output Power, Second- and Third-Order Distortion, Carrier
Feedthrough and Sideband Suppression vs. Baseband Differential Input
Voltage (fOUT = 2140 MHz)
0
1
2
3
4
5
6
7
8
9
10
2100 2150 2200 2250 2300 2350 2400 2450 2500 2550 2600
LO FREQUENCY (MHz)
VS = 5.25V
VS = 4.75V
VS = 5.00V
Figure 7. Single Sideband (SSB) Output Power (POUT) vs.
LO Frequency (fLO) and Power Supply; Multiple Devices Shown
10
11
12
13
14
15
16
17
18
19
20
2100 2150 2200 2250 2300 2350 2400 2450 2500 2550 2600
LO FREQUENCY (MHz)
VS = 5.25V
VS = 4.75V
VS = 5.00V
Figure 8. SSB Output 1dB Compression Point (OP1dB) vs. LO Frequency (fLO)
and Power Supply
15
10
5
0
–5
–10
–15
–20
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0.1
1
10
BASEBAND INPUT VOLTAGE (V p-p Differential)
CARRIER
FEEDTHROUGH (dBm)
THIRD-ORDER DISTORTION (dBc)
SSB OUTPUT POWER (dBm)
SIDEBAND
SUPPRESSION (dBc)
SECOND-ORDER DISTORTION (dBc)
Figure 9. SSB Output Power, Second- and Third-Order Distortion, Carrier
Feedthrough and Sideband Suppression vs. Baseband Differential Input
Voltage (fOUT = 2600 MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com