Electronic Components Datasheet Search
  English  ▼

X  

ADRF6702 Datasheet(PDF) 12 Page - Analog Devices

Part # ADRF6702
Description  1550 MHz to 2650 MHz Quadrature Modulator with 2100 MHz to 2600 MHz Frac-N PLL
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6702 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADRF6702 Datasheet HTML 8Page - Analog Devices ADRF6702 Datasheet HTML 9Page - Analog Devices ADRF6702 Datasheet HTML 10Page - Analog Devices ADRF6702 Datasheet HTML 11Page - Analog Devices ADRF6702 Datasheet HTML 12Page - Analog Devices ADRF6702 Datasheet HTML 13Page - Analog Devices ADRF6702 Datasheet HTML 14Page - Analog Devices ADRF6702 Datasheet HTML 15Page - Analog Devices ADRF6702 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
ADRF6703
Rev. 0 | Page 12 of 36
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
1k
10k
100k
1M
10M
100M
OFFSET FREQUENCY (Hz)
2.5kHz LOOP FILTER
130kHz LOOP FILTER
TA = –40°C
TA = +25°C
TA = +85°C
Figure 16. Phase Noise vs. Offset Frequency and Temperature, fLO = 2140 MHz
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
1k
10k
100k
1M
10M
100M
OFFSET FREQUENCY (kHz)
TA = –40°C
TA = +25°C
TA = +85°C
2.5kHz LOOP FILTER
130kHz LOOP FILTER
Figure 17. Phase Noise vs. Offset Frequency and Temperature, fLO = 2300 MHz
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
1k
10k
100k
1M
10M
100M
OFFSET FREQUENCY (kHz)
TA = –40°C
TA = +25°C
TA = +85°C
2.5kHz LOOP FILTER
130kHz LOOP FILTER
Figure 18. Phase Noise vs. Offset Frequency and Temperature, fLO = 2600 MHz
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
2100 2150 2200 2250 2300 2350 2400 2450 2500 2550 2600
LO FREQUENCY (MHz)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 19. Integrated Phase Noise vs. LO Frequency
–150
–140
–130
–120
–110
–100
–90
–80
2100 2150 2200 2250 2300 2350 2400 2450 2500 2550 2600
LO FREQUENCY (MHz)
OFFSET = 1kHz
OFFSET = 100kHz
OFFSET = 5MHz
TA = –40°C
TA = +25°C
TA = +85°C
Figure 20. Phase Noise vs. LO Frequency at 1 kHz, 100 kHz, and 5 MHz Offsets
–150
–140
–130
–120
–110
–100
–90
–80
2100 2150 2200 2250 2300 2350 2400 2450 2500 2550 2600
LO FREQUENCY (MHz)
OFFSET = 10kHz
OFFSET = 1MHz
TA = –40°C
TA = +25°C
TA = +85°C
Figure 21. Phase Noise vs. LO Frequency at 10 kHz and 1 MHz Offsets



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com