Electronic Components Datasheet Search
  English  ▼

X  

110MDS Datasheet(PDF) 1 Page - Naina Semiconductor ltd.

Part # 110MDS
Description  Three - Phase Bridge Rectifier Excellent power volume ratio
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.

110MDS Datasheet(HTML) 1 Page - Naina Semiconductor ltd.

  110MDS Datasheet HTML 1Page - Naina Semiconductor ltd. 110MDS Datasheet HTML 2Page - Naina Semiconductor ltd. 110MDS Datasheet HTML 3Page - Naina Semiconductor ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Naina Semiconductor Ltd.
110 MDS
1
D-95, Sector 63, Noida – 201301, India
•
Tel: 0120-4205450
• Fax: 0120-4273653
sales@nainasemi.com
•
www.nainasemi.com
Three – Phase Bridge Rectifier
Features
Easy connections
Excellent power volume ratio
Insulated type
MDS
Voltage Ratings (TJ = 25
0C unless otherwise noted)
Type
number
Voltage
code
VRRM, Max.
repetitive
peak reverse
voltage
(V)
VRSM, Max.
non-
repetitive
peak reverse
voltage
(V)
IRRM
max @
TJ max
(mA)
110 MDS
80
800
900
10
100
1000
1100
120
1200
1300
140
1400
1500
160
1600
1700
Thermal and Mechanical Specifications (TA = 250C unless otherwise noted)
Parameters
Symbol
Values
Units
Maximum operating junction temperature range
TJ
- 40 to + 150
0C
Maximum storage temperature range
TStg
- 40 to + 150
0C
Maximum thermal
resistance, junction to case
DC operation per module
Rth(JC)
0.18
0C/W
DC operation per junction
1.07
120 Rect conduction angle per module
0.21
120 Rect conduction angle per junction
1.25
Maximum thermal
resistance, case to heatsink
Per module, Mounting surface smooth, flat and
greased
Rth(CS)
0.03
0C/W
Mounting torque ±10%
to heatsink
T
4 to 6
Nm
to terminal
3 to 4
Approximate weight
176
g


Similar Part No. - 110MDS

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
110MA101A1 CTS-110MA101A1 Datasheet
957Kb / 3P
Commercial 3/4inch (19mm) Diameter, 1 1/2 and 2 watt Wirewound Variable Resistor
110MA101B1 CTS-110MA101B1 Datasheet
957Kb / 3P
Commercial 3/4inch (19mm) Diameter, 1 1/2 and 2 watt Wirewound Variable Resistor
110MA101D1 CTS-110MA101D1 Datasheet
957Kb / 3P
Commercial 3/4inch (19mm) Diameter, 1 1/2 and 2 watt Wirewound Variable Resistor
110MA102A1 CTS-110MA102A1 Datasheet
957Kb / 3P
Commercial 3/4inch (19mm) Diameter, 1 1/2 and 2 watt Wirewound Variable Resistor
110MA102B1 CTS-110MA102B1 Datasheet
957Kb / 3P
Commercial 3/4inch (19mm) Diameter, 1 1/2 and 2 watt Wirewound Variable Resistor
More results

Similar Description - 110MDS

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
160MDS NAINA-160MDS Datasheet
503Kb / 3P
Three - Phase Bridge Rectifier Excellent power volume ratio
130MDS NAINA-130MDS Datasheet
492Kb / 3P
Three - Phase Bridge Rectifier Excellent power volume ratio
90MDS NAINA-90MDS Datasheet
491Kb / 3P
Three - Phase Bridge Rectifier Excellent power volume ratio
60MDS NAINA-60MDS Datasheet
491Kb / 3P
Three - Phase Bridge Rectifier Excellent power volume ratio
70MDS NAINA-70MDS Datasheet
492Kb / 3P
Three - Phase Bridge Rectifier Excellent power volume ratio
logo
IXYS Corporation
VUO5012N03 IXYS-VUO5012N03 Datasheet
77Kb / 2P
Three Phase Rectifier Bridge
logo
Solid States Devices, I...
RA0036A SSDI-RA0036A Datasheet
100Kb / 1P
THREE PHASE BRIDGE RECTIFIER
logo
IXYS Corporation
VUO122-18NO7 IXYS-VUO122-18NO7 Datasheet
106Kb / 1P
Three Phase Rectifier Bridge
logo
DIYI Electronic Technol...
M22 DYELEC-M22 Datasheet
1,008Kb / 2P
Excellent power volume ratio
M52 DYELEC-M52 Datasheet
868Kb / 2P
Excellent power volume ratio
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com