Electronic Components Datasheet Search
  English  ▼

X  

110MDS Datasheet(PDF) 2 Page - Naina Semiconductor ltd.

Part # 110MDS
Description  Three - Phase Bridge Rectifier Excellent power volume ratio
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.

110MDS Datasheet(HTML) 2 Page - Naina Semiconductor ltd.

  110MDS Datasheet HTML 1Page - Naina Semiconductor ltd. 110MDS Datasheet HTML 2Page - Naina Semiconductor ltd. 110MDS Datasheet HTML 3Page - Naina Semiconductor ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Naina Semiconductor Ltd.
110 MDS
2
D-95, Sector 63, Noida – 201301, India
•
Tel: 0120-4205450
• Fax: 0120-4273653
sales@nainasemi.com
•
www.nainasemi.com
Electrical Specifications (TJ = 25
0C unless otherwise noted)
Parameters
Conditions
Symbol
Values
Units
Maximum DC output current
120
0 Rect conduction angle, T
C = 85
0C
I0
110
A
Maximum peak one-cycle forward,
non-repetitive surge current
t = 10ms
No voltage
reapplied
TJ = TJ max.
IFSM
950
A
t = 8.3ms
1000
t = 8.3ms
100% VRRM
reapplied
800
t = 10ms
840
Maximum I
2t for fusing
T = 8.3ms
No voltage
reapplied
I
2t
4500
A
2s
T = 10ms
4100
T = 8.3ms
100% VRRM
reapplied
3200
T = 10ms
2900
Maximum J
2√t for fusing
T = 0.1 to 10ms, no voltage reapplied
J
2√t
45000
A
2√s
Low level value of threshold voltage
[ 16.7% * π * IF(AV) < I < π * IF(AV) ], @ TJ max
VF(TO)1
0.81
V
High level value of threshold
voltage
[ I > π > IF(AV) ], @ TJ max
VF(TO)2
0.99
V
Low level value of forward slope
resistance
[ 16.7% * π * IF(AV) < I < π * IF(AV) ], @ TJ max
r1
4.37
mΩ
High level value of forward slope
resistance
[ I > π * IF(AV) ], @ TJ max
r2
4.64
mΩ
Maximum forward voltage drop
Ipk = 100A, tP = 400 µs single junction
VFM
1.4
V
RMS isolation voltage
f = 50Hz, t = 1ms, all terminals shorted
VISO
4000
V
Diode Configuration



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com