Electronic Components Datasheet Search
  English  ▼

X  

CV7342 Datasheet(PDF) 1 Page - Seme LAB

Part # CV7342
Description  SMALL SIGNAL PNP TRANSISTORS IN TO-5
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

CV7342 Datasheet(HTML) 1 Page - Seme LAB

  CV7342 Datasheet HTML 1Page - Seme LAB CV7342 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CV7342
Prelim.6/00
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
APPLICATIONS
Low Power Silicon Alloy Junction PNP
Transitors are specified for use in amplifier
circuits.
VCB
Collector – Base Voltage
VCE
Collector – Emitter Voltage
VEB
Emitter – Base Voltage
ICM
Collector Current
IC(AV)
Collector Current ave Over any 20ms
IBM
Base Current
IB(AV)
Base Currentave Over any 20ms
IEM
Emitter Current
IE(AV)
Emitter Current ave Over any 20ms
FTOT
Total Power Dissipation
TSTG , TJ
Operating and Storage Temperature
25V
25V
16V
100mA
50mA
50mA
15mA
100mA
65mA
250mA
-53°C to +150°C
MECHANICAL DATA
Dimensions in mm
0.89
(0.035)
max.
38.1
(1.500)
min.
4.19 (0.165)
4.95 (0.195)
8.89 (0.35)
9.40 (0.37)
7.75 (0.305)
8.51 (0.335)
7.75 (0.305)
8.51 (0.335)
dia.
0.66 (0.026)
1.14 (0.045)
0.71 (0.028)
0.86 (0.034)
2.54
(0.100)
5.08 (0.200)
typ.
45
1
2
3
TO-5
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
SMALL SIGNAL
PNP TRANSISTORS
IN TO-5
Pin1 - Emitter
Pin2 - Base
Pin3 - Collector


Similar Part No. - CV7342

ManufacturerPart #DatasheetDescription
logo
Seme LAB
CV7345A SEME-LAB-CV7345A Datasheet
15Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO5
More results

Similar Description - CV7342

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N5404 SEME-LAB-2N5404 Datasheet
13Kb / 2P
SMALL SIGNAL PNP TRANSISTORS IN TO-5
BCY39A SEME-LAB-BCY39A Datasheet
14Kb / 2P
SMALL SIGNAL PNP TRANSISTORS IN TO-5
logo
General Semiconductor
2N4403 GE-2N4403 Datasheet
98Kb / 3P
SMALL SIGNAL TRANSISTORS (PNP)
BC327 GE-BC327 Datasheet
243Kb / 5P
Small Signal Transistors (PNP)
BC556 GE-BC556 Datasheet
253Kb / 6P
Small Signal Transistors (PNP)
MMBT4403 GE-MMBT4403 Datasheet
116Kb / 3P
SMALL SIGNAL TRANSISTORS (PNP)
MPS2907A GE-MPS2907A Datasheet
39Kb / 3P
SMALL SIGNAL TRANSISTORS (PNP)
logo
Micro Commercial Compon...
DMMT3906 MCC-DMMT3906_11 Datasheet
236Kb / 4P
PNP Small Signal Transistors
logo
Seme LAB
2N5404 SEME-LAB-2N5404_01 Datasheet
57Kb / 2P
SMALL SIGNAL PNP TRANSISTORS IN TO-5
logo
Micro Commercial Compon...
MMSTA92 MCC-MMSTA92_11 Datasheet
204Kb / 2P
PNP Small Signal Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com