Electronic Components Datasheet Search
  English  ▼

X  

CV7342 Datasheet(PDF) 2 Page - Seme LAB

Part # CV7342
Description  SMALL SIGNAL PNP TRANSISTORS IN TO-5
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

CV7342 Datasheet(HTML) 2 Page - Seme LAB

  CV7342 Datasheet HTML 1Page - Seme LAB CV7342 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Parameter
Test Conditions
Min.
Typ.
Max. Unit
0.1
5
25
60
0.6
12
250
750
ICBO
hfe
fT
NF
VCE(SAT)
VBE
CV7342
Prelim.6/00
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Collector Base Reverse Current
Small Signal Current Gain
Transistion Frequency
Noise Figure
Collector-Emitter Saturation Voltage
Base Emitter Voltage
µA
—
µA
dB
mV
mV
VCB = 6V
IE = 0
VCB = 6V
IE = 0
@100°C
VCE = 6V
IC = 1mA
IC = 1mA
VCE = 6V
f = 300kc/s
IC = 0.5mA
VCE = 2V
Z Source = 500
9
IC = 10mA
IB = 1.5mA
VCB = 5V
IE = 10mA
ELECTRICAL CHARACTERISTICS (Tcase = 25°C unless otherwise stated)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com