Electronic Components Datasheet Search
  English  ▼

X  

BYV143 Datasheet(PDF) 1 Page - Seme LAB

Part # BYV143
Description  DUAL SCHOTTKY BARRIER DIODE IN TO220 METAL PACKAGE FOR HI.REL APPLICATIONS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BYV143 Datasheet(HTML) 1 Page - Seme LAB

  BYV143 Datasheet HTML 1Page - Seme LAB BYV143 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BYV143-40MA
BYV143-45MA
BYV143-40AM
BYV143-45AM
BYV143-40RM
BYV143-45RM
Prelim. 02/98
LAB
SEME
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
VRRM
Peak Repetitive Reverse Voltage
VRWM
Crest Working Reverse Voltage
VR
Continuous Reverse Voltage
IO
Output Current (
d = 0.5)
IF(RMS)
Forward RMS Current
IFRM
Repetitive Peak Forward Current
IFSM
Non Repetitive Peak Forward Current (per diode)
t = 10 ms
IFSM
Non Repetitive Peak Forward Current (per diode)
t = 8.3 ms
I2TI2T for fusing (per diode)
t = 10 ms
IRRM
Reverse Surge Current
tp = 2 ms
d = 0.001
IRSM
Reverse Surge Current
tp = 100 ms
Tstg
Storage Temperature Range
Tj
Maximum Operating Junction Temperature
40V
45V
40V
45V
40V
45V
30A
40A
250A
200A
220A
200A2s
2A
2A
–65 to 150°C
150°C
MECHANICAL DATA
Dimensions in mm
2. 54
BSC
10. 6
3. 6
Dia.
0. 8
4. 6
1. 0
2. 70
BS C
12 3
DUAL SCHOTTKY
BARRIER DIODE
IN TO220 METAL PACKAGE
FOR HI–REL APPLICATIONS
FEATURES
• HERMETIC TO220 METAL PACKAGE
• ISOLATED CASE
• SCREENING OPTIONS AVAILABLE
• OUTPUT CURRENT 30A
•LOW VF ( VF < 0.6V)
• LOW LEAKAGE
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
BYV143–40M
BYV143–45M
TO220 METAL PACKAGE
Common Cathode
Common Anode
Series Connection
BYV143-xxM
BYV143-xxAM
BYV143-xxRM
1
3
2
1
3
2
1
3
2
1 = A1 Anode 1
2 = K Cathode
3 = A2 Anode 2
1 = K1 Cathode 1
2 = A Anode
3 = K2 Cathode 2
1 = K1 Cathode 1
2 = Centre Tap
3 = A2 Anode


Similar Part No. - BYV143

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYV143 PHILIPS-BYV143 Datasheet
33Kb / 5P
Rectifier diodes schottky barrier
August 1996 Rev 1.100
BYV143F PHILIPS-BYV143F Datasheet
33Kb / 5P
Rectifier diodes schottky barrier
August 1996 Rev 1.100
BYV143F-35 PHILIPS-BYV143F-35 Datasheet
33Kb / 5P
Rectifier diodes schottky barrier
August 1996 Rev 1.100
logo
Inchange Semiconductor ...
BYV143F-35 ISC-BYV143F-35 Datasheet
299Kb / 2P
Schottky Diode
logo
NXP Semiconductors
BYV143F-40 PHILIPS-BYV143F-40 Datasheet
33Kb / 5P
Rectifier diodes schottky barrier
August 1996 Rev 1.100
More results

Similar Description - BYV143

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BYT08-400-220M SEME-LAB-BYT08-400-220M Datasheet
25Kb / 2P
DUAL FAST RECOVERY RECTIFIER IN TO220 METAL PACKAGE FOR HI.REL APPLICATIONS
BZX55C SEME-LAB-BZX55C Datasheet
19Kb / 2P
VOLTAGE REGULATOR DIODE IN A CERAMIC SURFACE MOUNT PACKAGE FOR HI.REL APPLICATIONS
SB16-100M-SMD SEME-LAB-SB16-100M-SMD Datasheet
19Kb / 2P
DUAL SCHOTTKY BARRIER DIODE IN A SMD1 CERAMIC SURFACE MOUNT PACKAGE FOR HI.REL APPLICATIONS
SB16-100MA SEME-LAB-SB16-100MA Datasheet
16Kb / 2P
DUAL SCHOTTKY BARRIER DIODE IN TO220 METAL PACKAGE FOR HI-REL APPLICATIONS
SB16-45M SEME-LAB-SB16-45M Datasheet
16Kb / 2P
DUAL SCHOTTKY BARRIER DIODE IN TO220 METAL PACKAGE FOR HI-REL APPLICATIONS
SB30-100MA SEME-LAB-SB30-100MA Datasheet
16Kb / 2P
DUAL SCHOTTKY BARRIER DIODE IN TO220 METAL PACKAGE FOR HI-REL APPLICATIONS
SB30-45-258M SEME-LAB-SB30-45-258M Datasheet
17Kb / 2P
DUAL SCHOTTKY BARRIER DIODE IN TO258 METAL PACKAGE FOR HI-REL APPLICATIONS
SB30-45M SEME-LAB-SB30-45M Datasheet
16Kb / 2P
DUAL SCHOTTKY BARRIER DIODE IN TO220 METAL PACKAGE FOR HI-REL APPLICATIONS
SB35-40M SEME-LAB-SB35-40M Datasheet
16Kb / 2P
DUAL SCHOTTKY BARRIER DIODE IN TO254 METAL PACKAGE FOR HI-REL APPLICATIONS
SB30-45M SEME-LAB-SB30-45M_03 Datasheet
22Kb / 2P
DUAL SCHOTTKY BARRIER DIODE IN TO220 METAL PACKAGE FOR HI?밨EL APPLICATIONS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com