Electronic Components Datasheet Search
  English  ▼

X  

BYV143 Datasheet(PDF) 2 Page - Seme LAB

Part # BYV143
Description  DUAL SCHOTTKY BARRIER DIODE IN TO220 METAL PACKAGE FOR HI.REL APPLICATIONS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BYV143 Datasheet(HTML) 2 Page - Seme LAB

  BYV143 Datasheet HTML 1Page - Seme LAB BYV143 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
BYV143-40MA
BYV143-45MA
BYV143-40AM
BYV143-45AM
BYV143-40RM
BYV143-45RM
Prelim. 02/98
LAB
SEME
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VF
Forward Voltage
IR
Reverse Current
Cd
Junction Capacitance
IF = 15A
Tj = 150°C
IF = 20A
Tj = 25°C
VR = VRWM(Max)Tj = 125°C
VR = VRWM(Max)Tj = 25°C
VR = 5 V
f = 1 MHz
0.6
0.8
30
500
500
V
V
mA
mA
pF
Parameter
Min.
Typ.
Max.
Unit
(Both Diodes)
RqJC
Thermal Resistance Junction to Case
(Per Diode)
RqJA
Thermal Resistance Junction to Ambient
1.4
2.3
60
°C / W
ELECTRICAL CHARACTERISTICS (Per Diode)
THERMAL CHARACTERISTICS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com