Electronic Components Datasheet Search
  English  ▼

X  

D1004 Datasheet(PDF) 4 Page - Seme LAB

Part # D1004
Description  METAL GATE RF SILICON FET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

D1004 Datasheet(HTML) 4 Page - Seme LAB

  D1004 Datasheet HTML 1Page - Seme LAB D1004 Datasheet HTML 2Page - Seme LAB D1004 Datasheet HTML 3Page - Seme LAB D1004 Datasheet HTML 4Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
D1004UK
Prelim. 6/99
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
D1004K
10k
Ω
L1
10nF
10k
Ω
L3
22µF
12
Ω
L4
5.1nF
5.1nF
L2
100nF
1-70pF
1-70pF
1-70pF
1-70pF
T3
+28V
T1
T2
Gate-Bias
8 x5 mm
contact pad
8 x5 mm
contact pad
Substrate 1.6mm PTFE/ glass, Er= 2.5
All microstrip lines W=4.4mm
D1004UK 175MHz TEST FIXTURE
T1
7.5mm
T2
6mm
T3
8mm
L1
Hairpin loop 16swg 13mm dia
L2
Hairpin loop 16swg 11mm dia
L3
10 turns 18swg enamelled copper wire, 4mm i.d.
L4
12 turns 18swg enamelled copper wire on 22.7mm
o.d. ferrite core



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com