Electronic Components Datasheet Search
  English  ▼

X  

D1004 Datasheet(PDF) 3 Page - Seme LAB

Part # D1004
Description  METAL GATE RF SILICON FET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

D1004 Datasheet(HTML) 3 Page - Seme LAB

  D1004 Datasheet HTML 1Page - Seme LAB D1004 Datasheet HTML 2Page - Seme LAB D1004 Datasheet HTML 3Page - Seme LAB D1004 Datasheet HTML 4Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
D1004UK
Prelim. 6/99
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
20
30
40
50
60
70
80
%
Efficiency
01234
5678
Pin W
Pout
Drain Efficiency
0
25
50
75
100
125
150
Pout
W
10
12
14
16
18
20
22
Gain
dB
012
34567
8
Pin W
Pout
Gain
0
25
50
75
100
125
150
Pout
W
Figure 1 – Power Output and Efficiency
vs. Power Input.
Figure 2 – Power Output & Gain
vs. Power Input.
10
-45
-40
-35
-30
-25
-20
IMD
dBc
20
30
40
50
60
70
80
90
Pout W PEP
IMD3
Figure 3 – IMD vs. Output Power.
D1004UK
OPTIMUM SOURCE AND LOAD IMPEDANCE
Frequency
ZS
ZL
MHz
ΩΩ
175MHz
2.2 + j1.9 3.2 - j0.5
VDS = 28V
IDQ = 0.4A
f = 175MHz
VDS = 28V
f1 = 175.0MHz
f2 = 175.1MHz
IDQ = 0.4A
VDS = 28V
IDQ = 0.4A
f = 175MHz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com