Electronic Components Datasheet Search
  English  ▼

X  

2N6716 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2N6716
Description  NPN Plastic Encapsulated Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2N6716 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2N6716 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2N6716 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH 2N6716 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2N6716 / 2N6717 / 2N6718
1A , 100V
NPN Plastic Encapsulated Transistor
Elektronische Bauelemente
18-Jan-2011 Rev. A
Page 1 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.

Base

Emitter
Collector

A
C
E
K
F
D
B
G
H
J
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
High Voltage:VCEO = 100V
Gain of 20 @ IC = 0.5A
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Collector to Base Voltage
2N6716
VCBO
60
V
2N6717
80
2N6718
100
Collector to Emitter Voltage
2N6716
VCEO
60
V
2N6717
80
2N6718
100
Emitter to Base Voltage
VEBO
5
V
Collector Current - Continuous
IC
1
A
Collector Power Dissipation
PD
1
W
Junction, Storage Temperature
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Collector to Base
Breakdown Voltage
2N6716
V(BR)CBO
60
-
-
V
IC=100μA, IE=0
2N6717
80
-
-
2N6718
100
-
-
Collector to Emitter
Breakdown Voltage
2N6716
V(BR)CEO
60
-
-
V
IC=1mA, IB=0
2N6717
80
-
-
2N6718
100
-
-
Emitter to Base Breakdown Voltage
V(BR)EBO
5
-
-
V
IE=1mA, IC=0
Collector Cut-Off Current
2N6716
ICBO
-
-
1
μA
VCB=60V, IE=0
2N6717
-
-
VCB=80V, IE=0
2N6718
-
-
VCB=100V, IE=0
Emitter Cut-Off Current
2N6716
IEBO
-
-
1
μA
VEB=5V, IC=0
2N6717
-
-
2N6718
-
-
DC Current Gain
hFE (1)*
80
-
-
VCE=1V, IC=50mA
hFE (2)*
50
-
250
VCE=1V, IC=250mA
hFE (3)*
20
-
-
VCE=1V, IC=500mA
Emitter
Base
Collector
TO-92
REF.
Millimeter
Min.
Max.
A
4.40
4.70
B
4.30
4.70
C
12.70
-
D
3.30
3.81
E
0.36
0.56
F
0.36
0.51
G
1.27 TYP.
H
1.10
-
J
2.42
2.66
K
0.36
0.76


Similar Part No. - 2N6716

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
2N6716 ZETEX-2N6716 Datasheet
28Kb / 1P
NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6716 BOCA-2N6716 Datasheet
43Kb / 2P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Central Semiconductor C...
2N6716 CENTRAL-2N6716 Datasheet
50Kb / 1P
Power Transistors
logo
Continental Device Indi...
2N6716 CDIL-2N6716 Datasheet
324Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Diodes Incorporated
2N6716 DIODES-2N6716 Datasheet
32Kb / 1P
NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
MARCH 1994
More results

Similar Description - 2N6716

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2N5172 SECOS-2N5172 Datasheet
81Kb / 1P
NPN Plastic Encapsulated Transistor
2N5832 SECOS-2N5832 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
2N6517 SECOS-2N6517 Datasheet
142Kb / 1P
NPN Plastic Encapsulated Transistor
2SC1008 SECOS-2SC1008 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
2SC1318A SECOS-2SC1318A Datasheet
135Kb / 2P
NPN Plastic Encapsulated Transistor
2SC1923 SECOS-2SC1923 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
D882S SECOS-D882S Datasheet
214Kb / 2P
NPN Plastic Encapsulated Transistor
2SC4548 SECOS-2SC4548 Datasheet
77Kb / 1P
NPN Plastic Encapsulated Transistor
2SBA42 SECOS-2SBA42 Datasheet
74Kb / 1P
NPN Plastic Encapsulated Transistor
2SC2668 SECOS-2SC2668 Datasheet
140Kb / 2P
NPN Plastic-Encapsulated Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com