Electronic Components Datasheet Search
  English  ▼

X  

2N6716 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # 2N6716
Description  NPN Plastic Encapsulated Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2N6716 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  2N6716 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2N6716 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH 2N6716 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2N6716 / 2N6717 / 2N6718
1A , 100V
NPN Plastic Encapsulated Transistor
Elektronische Bauelemente
18-Jan-2011 Rev. A
Page 2 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
Collector to Emitter Saturation Voltage
VCE(sat) *
-
-
0.5
V
IC=250mA, IB=10mA
-
-
0.35
IC=250mA, IB=25mA
Base to Emitter Turn-on Voltage
VBE(on) *
-
-
1.2
V
VCE=1V, IC= 250mA
Collector to Base Capacitance
CCB
-
-
30
pF
VCE=10V, f=1MHz
Transition Frequency
fT
50
-
500
MHz
VCE=10V, IC=50mA
*Pulse test.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com