Electronic Components Datasheet Search
  English  ▼

X  

TDA5201 Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TDA5201
Description  ASK Single Conversion Receiver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA5201 Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TDA5201 Datasheet HTML 9Page - Infineon Technologies AG TDA5201 Datasheet HTML 10Page - Infineon Technologies AG TDA5201 Datasheet HTML 11Page - Infineon Technologies AG TDA5201 Datasheet HTML 12Page - Infineon Technologies AG TDA5201 Datasheet HTML 13Page - Infineon Technologies AG TDA5201 Datasheet HTML 14Page - Infineon Technologies AG TDA5201 Datasheet HTML 15Page - Infineon Technologies AG TDA5201 Datasheet HTML 16Page - Infineon Technologies AG TDA5201 Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
TDA 5201
ASK Single Conversion Receiver
Functional Description
Data Sheet
13
Revision 1.6, 2010-12-21
9
MIX
In
Complementary Mixer Input
10
AGND
In
Analogue Ground Return
11
FSEL
Not applicable - has to be left
open
12
IFO
Out
IF Mixer Output
10.7 MHz
13
DGND
In
Digital Ground Return
14
VDD
In
5 V Supply
PLL Counter Circuitry
Table 1
Pin Definition and Function (cont’d)
Pin
No.
Name
Pin
Type
Buffer Type
Function
8
1.7V
9
400 uA
2k
2k
2.2V
4.5k
60
12
300uA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com