Electronic Components Datasheet Search
  English  ▼

X  

TDA5201 Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TDA5201
Description  ASK Single Conversion Receiver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA5201 Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TDA5201 Datasheet HTML 17Page - Infineon Technologies AG TDA5201 Datasheet HTML 18Page - Infineon Technologies AG TDA5201 Datasheet HTML 19Page - Infineon Technologies AG TDA5201 Datasheet HTML 20Page - Infineon Technologies AG TDA5201 Datasheet HTML 21Page - Infineon Technologies AG TDA5201 Datasheet HTML 22Page - Infineon Technologies AG TDA5201 Datasheet HTML 23Page - Infineon Technologies AG TDA5201 Datasheet HTML 24Page - Infineon Technologies AG TDA5201 Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
TDA 5201
ASK Single Conversion Receiver
Applications
Data Sheet
21
Revision 1.6, 2010-12-21
4
Applications
4.1
Choice of LNA Threshold Voltage and Time Constant
In the following figure the internal circuitry of the LNA automatic gain control is shown.
Figure 5
LNA Automatic Gain Control Circuitry
The LNA automatic gain control circuitry consists of an operational transimpedance amplifier that is used to
compare the received signal strength signal (RSSI) generated by the Limiter with an externally provided threshold
voltage
U
thres. As shown in the following figure the threshold voltage can have any value between approximately
typically 0.8 V and 2.8 V to provide a switching point within the receive signal dynamic range.
This voltage
U
thres is applied to the THRES pin (Pin 23). The threshold voltage can be generated by attaching a
voltage divider between the 3VOUT pin (Pin 24) which provides a temperature stable 3 V output generated from
the internal bandgap voltage and the THRES pin. If the RSSI level generated by the Limiter is higher than
U
thres,
the OTA generates a positive current
I
load. This yields a voltage rise on the TAGC pin (Pin 4). Otherwise, the OTA
generates a negative current. These currents do not have the same values in order to achieve a fast-attack and
slow-release action of the AGC and are used to charge an external capacitor which finally generates the LNA gain
control voltage.
Pins:
24
23
4
LNA
R4
R5
Uthreshold
RSSI (0.8 - 2.8V)
VCC
Gain control
voltage
OTA
+3V
Iload
RSSI > Uthreshold: Iload=4.2µA
RSSI < Uthreshold: Iload= -1.5µA
UC
C
Uc:< 2.6V : Gain high
Uc:> 2.6V : Gain low
Ucmax= VCC -0.7V
Ucmin = 1.67V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com