Electronic Components Datasheet Search
  English  ▼

X  

TLE4247 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE4247
Description  Constant Current Relay Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4247 Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE4247 Datasheet HTML 1Page - Infineon Technologies AG TLE4247 Datasheet HTML 2Page - Infineon Technologies AG TLE4247 Datasheet HTML 3Page - Infineon Technologies AG TLE4247 Datasheet HTML 4Page - Infineon Technologies AG TLE4247 Datasheet HTML 5Page - Infineon Technologies AG TLE4247 Datasheet HTML 6Page - Infineon Technologies AG TLE4247 Datasheet HTML 7Page - Infineon Technologies AG TLE4247 Datasheet HTML 8Page - Infineon Technologies AG TLE4247 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Datasheet
5
Rev. 1.01, 2010-05-04
TLE4247
Pin Configuration
3
Pin Configuration
3.1
Pin Assignment
Figure 2
Pin Configuration
3.2
Pin Definitions and Functions
Pin
Symbol
Function
1S
IC Supply; connect to relay coil freewheeling resistor according to Figure 1.
2, 3, 6, 7
n.c.
Not Connected; connection to heat sink area and CGND recommended.
4D
Delay; for generating the activation time length, connect a ceramic capacitor
between pin D and CGND.
5CGND
Relay Coil Current Output and IC Ground;
8IN
Relay Coil Current Input;
connect to relay coil according to Figure 1.
Exposed Pad
–
Exposed Pad;
interconnect with CGND and heat sink area on PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com