Electronic Components Datasheet Search
  English  ▼

X  

TLE4247 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE4247
Description  Constant Current Relay Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4247 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE4247 Datasheet HTML 2Page - Infineon Technologies AG TLE4247 Datasheet HTML 3Page - Infineon Technologies AG TLE4247 Datasheet HTML 4Page - Infineon Technologies AG TLE4247 Datasheet HTML 5Page - Infineon Technologies AG TLE4247 Datasheet HTML 6Page - Infineon Technologies AG TLE4247 Datasheet HTML 7Page - Infineon Technologies AG TLE4247 Datasheet HTML 8Page - Infineon Technologies AG TLE4247 Datasheet HTML 9Page - Infineon Technologies AG TLE4247 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
TLE4247
General Product Characteristics
Datasheet
6
Rev. 1.01, 2010-05-04
4
General Product Characteristics
4.1
Absolute Maximum Ratings
Note: Stresses above the ones listed here may cause permanent damage to the device. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Integrated protection functions are designed to prevent IC destruction under fault conditions described in the
data sheet. Fault conditions are considered as “outside” normal operating range. Protection functions are
not designed for continuous repetitive operation.
Absolute Maximum Ratings 1)
T
j = -40 °C to +150 °C; all voltages with respect to CGND, positive current flowing into pin
(unless otherwise specified)
1) Not subject to production test, specified by design.
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Max.
Pin S (IC Supply)
4.1.1
Voltage at pin S
V
S
-0.3
45
V
V
S > VIN or VIN open;
I
S externally not limited
4.1.2
Current into pin S
I
S
-400
–
mA
V
S < -0.3V
Pin IN (Relay Coil Current Input)
4.1.3
Voltage at pin IN
V
IN
-0.3
30
V
V
S > VIN or VS open;
I
IN externally not limited
4.1.4
Current into pin IN
I
IN
-250
400
mA
–
Pin D (Delay)
4.1.5
Voltage at pin D
V
D
-0.3
6.8
V
Temperatures
4.1.6
Junction Temperature
T
j
-40
150
°C–
4.1.7
Storage Temperature
T
stg
-55
150
°C–
ESD Susceptibility
4.1.8
ESD Resistivity to CGND
V
ESD,HBM
-4
4
kV
HBM2)
2) ESD susceptibility, Human Body Model “HBM” according to EIA/JESD 22-A114B
4.1.9
ESD Resistivity middle pins
V
ESD,CDM -1.5
1.5
kV
CDM3)
3) ESD susceptibility, Charged Device Model “CDM” according to EIA/JESD22-C101 or ESDA STM5.3.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com