Electronic Components Datasheet Search
  English  ▼

X  

TLE4254 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE4254
Description  High Accuracy Low Dropout Voltage Tracking Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4254 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE4254 Datasheet HTML 3Page - Infineon Technologies AG TLE4254 Datasheet HTML 4Page - Infineon Technologies AG TLE4254 Datasheet HTML 5Page - Infineon Technologies AG TLE4254 Datasheet HTML 6Page - Infineon Technologies AG TLE4254 Datasheet HTML 7Page - Infineon Technologies AG TLE4254 Datasheet HTML 8Page - Infineon Technologies AG TLE4254 Datasheet HTML 9Page - Infineon Technologies AG TLE4254 Datasheet HTML 10Page - Infineon Technologies AG TLE4254 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Data Sheet
7
Rev. 1.2, 2009-11-18
TLE4254
General Product Characteristics
4.2
Functional Range
Note: Within the functional range the IC operates as described in the circuit description. The electrical
characteristics are specified within the conditions given in the related electrical characteristics table.
4.3
Thermal Resistance
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Max.
4.2.1
Input Voltage
V
I
445
V
V
I ≥ VQ + Vdr
4.2.1
Adjust / Enable Input Voltage
(Voltage Tracking Range)
V
ADJ/EN
2.0
–
V
–
4.2.2
Junction Temperature
T
j
-40
150
°C–
4.2.3
Output Capacitor
C
Q
1–
µF
– 1)
1) Not subject to production test; specified by design.
4.2.4
ESR
CQ
–5
Ω
– 1)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
PG-DSO-8:
4.3.1
Junction to Ambient
R
thJA
–
155
–
K/W
Footprint only 1) 2)
1) Not subject to production test; specified by design.
2) Package mounted on PCB FR4; 80 x 80 x 1.5 mm; 35 µm Cu, 5 µm Sn; horizontal position; zero airflow.
4.3.2
–
96
–
K/W
300 mm2 PCB heatsink area 1) 2)
4.3.3
–
86
–
K/W
600 mm2 PCB heatsink area 2) 1)
PG-DSO-8 exposed pad:
4.3.4
Junction to Case
R
thJC
–
15
–
K/W
measured to exposed pad
4.3.5
Junction to Ambient
R
thJA
–47
–
K/W
–3)
3) Specified
R
thJA value is according to Jedec JESD51-2,-5,-7 at natural convection on FR4 2s2p board; The Product
(Chip+Package) was simulated on a 76.2 x 114.3 x 1.5 mm³ board with 2 inner copper layers (2 x 70µm Cu, 2 x 35µm Cu).
Where applicable a thermal via array under the exposed pad contacted the first inner copper layer.
4.3.6
–
159
–
K/W
Footprint only 2) 1)
4.3.7
–
71
–
K/W
300 mm2 PCB heatsink area 2) 1)
4.3.8
–
60
–
K/W
600 mm2 PCB heatsink area 2) 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com