Electronic Components Datasheet Search
  English  ▼

X  

TLE4254 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TLE4254
Description  High Accuracy Low Dropout Voltage Tracking Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4254 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TLE4254 Datasheet HTML 6Page - Infineon Technologies AG TLE4254 Datasheet HTML 7Page - Infineon Technologies AG TLE4254 Datasheet HTML 8Page - Infineon Technologies AG TLE4254 Datasheet HTML 9Page - Infineon Technologies AG TLE4254 Datasheet HTML 10Page - Infineon Technologies AG TLE4254 Datasheet HTML 11Page - Infineon Technologies AG TLE4254 Datasheet HTML 12Page - Infineon Technologies AG TLE4254 Datasheet HTML 13Page - Infineon Technologies AG TLE4254 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
TLE4254
Electrical Characteristics
Data Sheet
10
Rev. 1.2, 2009-11-18
Typical Performance Characteristics Tracking Regulator
Tracking Accuracy
∆VQ vs.
Junction Temperature
T
j
Output Capacitor Series Resistor
ESR
CQ vs. Output Current IQ
Output Capacitor Series Resistor
ESR
CQ vs. Output Current IQ
Output Voltage
V
Q vs.
Adjust Voltage
V
ADJ,EN
Output Voltage
V
Q vs.
Input Voltage
V
I
-40
T
j [°C]
-20
20 40
80 100
∆V
Q
[mV]
dVQ-Tj.vsd
-1
-2
-3
0
0
60
140
120
I
Q = 0.1 mA
I
Q = 70 mA
-4
ESR-IQ_1u.vsd
1
0.1
0.01
ESR
CQ
[
Ω]
0
I
Q [mA]
30
45
15
60
10
C
Q = 1 µF
6 V <
V
I < 28 V
-40 °C <
T
j < 150 °C
Stable
Region
ESR-IQ_470n.vsd
1
0.1
0.01
ESR
CQ
[
Ω]
0
I
Q [mA]
30
45
15
60
10
C
Q = 470 nF
6 V <
V
I < 28 V
-40 °C <
T
j < 150 °C
Stable
Region
V
Q [V]
VQ-VADJ.vsd
3
2
1
4
V
I = 13.5 V
23
4
1
V
ADJ [V]
T
j = 25 °C
V
Q [V]
VQ-VI.vsd
3
2
1
4
V
ADJ
= 5 V
57
3
V
I [V]
T
j
= 25 °C
1
5
V
dr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com