Electronic Components Datasheet Search
  English  ▼

X  

TLE6284G Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # TLE6284G
Description  H-Bridge Driver IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6284G Datasheet(HTML) 3 Page - Infineon Technologies AG

  TLE6284G_08 Datasheet HTML 1Page - Infineon Technologies AG TLE6284G_08 Datasheet HTML 2Page - Infineon Technologies AG TLE6284G_08 Datasheet HTML 3Page - Infineon Technologies AG TLE6284G_08 Datasheet HTML 4Page - Infineon Technologies AG TLE6284G_08 Datasheet HTML 5Page - Infineon Technologies AG TLE6284G_08 Datasheet HTML 6Page - Infineon Technologies AG TLE6284G_08 Datasheet HTML 7Page - Infineon Technologies AG TLE6284G_08 Datasheet HTML 8Page - Infineon Technologies AG TLE6284G_08 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Data Sheet TLE6284G
Data Sheet
3
Rev 2.4 2008-03-18
Pin
Symbol
Function
1
DT / DIS
a) Set adjustable dead time by external resistor
b) Reset ERx register
c) Disable output stages
2
ER1
Error flag for driver shut down
3
DIR
Control input for spinning direction of the motor
4
PWM
Control input for PWM frequency and duty cycle
5
DL2
Sense contact for short circuit detection low side 2
6
ER2
Warning flag Temperature / distinguish if short cir-
cuit or undervoltage lock out occured
7
GND
Logic Ground
8
VS
Voltage supply
9
DL1
Sense contact for short circuit detection low side 1
10
INH
Sets complete device to sleep mode to achieve low
quiescent currents
11
GL1
Output to gate low side switch 1
12
SH1
Connection to source high side switch 1
13
GH1
Output to gate high side switch 1
14
BH1
Bootstrap supply high side switch 1
15
DH1
Sense contact for short circuit detection high side 1
16
DH2
Sense contact for short circuit detection high side 2
17
BH2
Bootstrap supply high side switch 2
18
GH2
Output to gate high side switch 2
19
SH2
Connection to source high side switch 2
20
GL2
Output to gate low side switch 2
1
11
12
13
14
15
16
17
18
19
20
10
9
8
7
6
5
4
3
2
DT/DIS
GL1
SH1
GH1
DL1
VS
BH1
GND
DH1
ER2
DH2
BH2
DL2
PWM
GH2
SH2
GL2
DIR
ER1
INH
TLE6284G
1
9
8
7
6
5
4
3
2
10
20
18
17
16
15
14
13
12
11
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com