Electronic Components Datasheet Search
  English  ▼

X  

TLE6284G Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # TLE6284G
Description  H-Bridge Driver IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6284G Datasheet(HTML) 2 Page - Infineon Technologies AG

  TLE6284G_08 Datasheet HTML 1Page - Infineon Technologies AG TLE6284G_08 Datasheet HTML 2Page - Infineon Technologies AG TLE6284G_08 Datasheet HTML 3Page - Infineon Technologies AG TLE6284G_08 Datasheet HTML 4Page - Infineon Technologies AG TLE6284G_08 Datasheet HTML 5Page - Infineon Technologies AG TLE6284G_08 Datasheet HTML 6Page - Infineon Technologies AG TLE6284G_08 Datasheet HTML 7Page - Infineon Technologies AG TLE6284G_08 Datasheet HTML 8Page - Infineon Technologies AG TLE6284G_08 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Data Sheet TLE6284G
Data Sheet
2
Rev 2.4 2008-03-18
Application Block Diagram
R
SCDL1
TLE6284G
TLE
4278G
M
V
s = 12V
C
s
47µF
C
s
1µF
R
10
Ω
C
Q
47µF
C
D
47nF
R
Q
47k
Ω
R
Q
47k
Ω
R
DT
10k
Ω
C
B
220nF
C
B
220nF
BH1
DH1
GH1
SH1
BH2
Vs
DH2
GH2
SH2
DL1
GL1
GL2
DL2
GND
ER1
ER2
INH
DT / DIS
PWM
DIR
WD
R
V
cc
Watchdog
Reset
Q
I
µC
BCR192W
D
68k
Ω
R
SCDL2
R
SCDL3
R
SCDL4
R
SCDH3
R
SCDH4
R
SCDH2
R
SCDH1
R
INH
220k
Ω
This application block diagram shows one of the possibilities to use this Driver IC. The volt-
age divider networks accross the 4 MOSFETs (resistors RSCDxx) allow to increase the current
limit threshold for Short Circuit protection. The RSCDLx resistors also provide a charge path for
the bootstrap capacitors. If RSCDLx resistors are not used in the application, a 12k Ohm resis-
tor should be introduced between SH1 to GND and SH2 to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com