Electronic Components Datasheet Search
  English  ▼

X  

TLE7181EM Datasheet(PDF) 15 Page - Infineon Technologies AG

Part # TLE7181EM
Description  H-Bridge and Dual Half Bridge Driver IC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7181EM Datasheet(HTML) 15 Page - Infineon Technologies AG

Back Button TLE7181EM Datasheet HTML 11Page - Infineon Technologies AG TLE7181EM Datasheet HTML 12Page - Infineon Technologies AG TLE7181EM Datasheet HTML 13Page - Infineon Technologies AG TLE7181EM Datasheet HTML 14Page - Infineon Technologies AG TLE7181EM Datasheet HTML 15Page - Infineon Technologies AG TLE7181EM Datasheet HTML 16Page - Infineon Technologies AG TLE7181EM Datasheet HTML 17Page - Infineon Technologies AG TLE7181EM Datasheet HTML 18Page - Infineon Technologies AG TLE7181EM Datasheet HTML 19Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
Data Sheet
15
Rev 1.1, 2010-09-30
H-Bridge and Dual Half Bridge Driver IC
TLE7181EM
Description and Electrical Characteristics
Dead time & input propagation delay times
5.1.32
Programmable internal dead time
t
DT
0.08
0.25
0.82
1.0
2.0
0.13
0.42
1,21
1.88
3.62
0.20
0.57
1.65
2.7
5.6
µs
RDT=0kΩ
RDT=10kΩ
RDT=47kΩ
RDT=100kΩ
RDT=1000kΩ
5.1.33
Max. internal dead time
t
DT_MAX
2.3
4.0
6.4
µs
DT pin open
5.1.34
Dead time deviation between
channels
d
tDT1
-20
–
20
%
–
-15
–
15
%
R
DT≤47kΩ
5.1.35
Dead time deviation between
channels LSoff -> HS on
d
tDTH1
-14
–
14
%
–
-12
–
12
%
R
DT≤47kΩ
5.1.36
Dead time deviation between
channels HSoff -> LS on
d
tDTL1
-14
–
14
%
–
-12
–
12
%
R
DT≤47kΩ
5.1.37
Input propagation time (low on)
t
P(ILN)
0
100
200
ns
C
Load=10nF;
R
Load=1Ω
5.1.38
Input propagation time (low off)
t
P(ILF)
0
100
200
ns
5.1.39
Input propagation time (high on)
t
P(IHN)
0
100
200
ns
5.1.40
Input propagation time (high off)
t
P(IHF)
0
100
200
ns
5.1.41
Absolute input propagation time
difference between above
propagation times
t
P(diff)
–
50
100
ns
VREG
5.1.42
VREG output voltage
V
VREG
11
12.5
14
V
V
VS≥13.5V;
I
Load=-35mA
5.1.43
VREG over current limitation
I
VREGOCL
100
–
500
mA
–3)
5.1.44
Voltage drop between Vs and
VREG
V
VsVREG
––
0.5
V
V
VS≥7V;
I
Load=-35mA;
Ron operation
100% D.C. charge pump
5.1.45
Charge pump frequency1)
f
CP
–21
–
MHz
–
Motor bridge reverse polarity protection output
5.1.46
High level output voltage RPP vs.
VS
V
RPP1
–11
15
V
I
Load=0µA
5.1.47
High level output voltage RPP vs.
VS
V
RPP2
–11
12.5
V
I
Load≥-30µA
5.1.48
D.C. output current at RPP
I
RPP1
–-110
-150
µA
V
RPP≥10V;
Lowside on
5.1.49
Rise time1)
t
RPPrise
–
12ms
C
LOAD=10nF
5.1.50
Rise time1)
t
RPPrise
–10
20
µs
C
LOAD=100pF
Electrical Characteristics MOSFET Drivers
V
S = 7.0 to 34V, Tj = -40 to +150°C all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com