Electronic Components Datasheet Search
  English  ▼

X  

TLE7181EM Datasheet(PDF) 16 Page - Infineon Technologies AG

Part # TLE7181EM
Description  H-Bridge and Dual Half Bridge Driver IC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7181EM Datasheet(HTML) 16 Page - Infineon Technologies AG

Back Button TLE7181EM Datasheet HTML 12Page - Infineon Technologies AG TLE7181EM Datasheet HTML 13Page - Infineon Technologies AG TLE7181EM Datasheet HTML 14Page - Infineon Technologies AG TLE7181EM Datasheet HTML 15Page - Infineon Technologies AG TLE7181EM Datasheet HTML 16Page - Infineon Technologies AG TLE7181EM Datasheet HTML 17Page - Infineon Technologies AG TLE7181EM Datasheet HTML 18Page - Infineon Technologies AG TLE7181EM Datasheet HTML 19Page - Infineon Technologies AG TLE7181EM Datasheet HTML 20Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
H-Bridge and Dual Half Bridge Driver IC
TLE7181EM
Description and Electrical Characteristics
Data Sheet
16
Rev 1.1, 2010-09-30
ENA and Low quiescent current mode
5.1.51
ENA propagation time to output
stages switched off
t
PENA_H-L
–2.0
3.0
µs
–
5.1.52
Low time of ENA signal without
clearing error register
t
RST0
––
1.2
µs
–
5.1.53
High time of ENA signal after ENA
rising edge for error logic active
t
RST1
45.75
7
µs
–
5.1.54
go to sleep time
t
sleep
310
415
540
µs
–
5.1.55
wake up time
t
wake
–50
100
µs
C
REG=2.2µF;
C
BS=330nF
1) Not subject to production test, specified by design.
2)
V
diode is the bulk diode of the external low side MOSFET
3) normally no error flag; Error flag might by triggered by under voltage VREG caused by very high load current
Electrical Characteristics MOSFET Drivers
V
S = 7.0 to 34V, Tj = -40 to +150°C all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com