Electronic Components Datasheet Search
  English  ▼

X  

TLE7188F Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # TLE7188F
Description  3-Phase Bridge Driver IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7188F Datasheet(HTML) 3 Page - Infineon Technologies AG

  TLE7188F Datasheet HTML 1Page - Infineon Technologies AG TLE7188F Datasheet HTML 2Page - Infineon Technologies AG TLE7188F Datasheet HTML 3Page - Infineon Technologies AG TLE7188F Datasheet HTML 4Page - Infineon Technologies AG TLE7188F Datasheet HTML 5Page - Infineon Technologies AG TLE7188F Datasheet HTML 6Page - Infineon Technologies AG TLE7188F Datasheet HTML 7Page - Infineon Technologies AG TLE7188F Datasheet HTML 8Page - Infineon Technologies AG TLE7188F Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
VQFN-48
Type
Package
Marking
TLE7188F
VQFN-48
TLE7188F
Data Sheet
3
V2.1, 2007-06-20
3-Phase Bridge Driver IC
TLE7188F
1
Overview
Features
•
Compatible to very low ohmic normal level input N-Channel MOSFETs
•
Separate input for each MOSFET
•
PWM frequency up to 25kHz
•
Fulfils specification down to 5.5V supply voltage
•
Low EMC sensitivity and emission
•
VQFN-48 package with exposed heat slug
•
Control inputs with TTL characteristics
•
Separate source connection for each MOSFET
•
Integrated minimum dead time
•
Shoot through protection
•
Short circuit protection with fixed detection level
•
Disable function and sleep mode
•
Detailed diagnosis
•
Thermal overload warning for driver IC
•
Integrated over current warning
•
Integrated current sense amplifier
•
0 to 100% duty cycle
•
Green Product (RoHS compliant)
•AEC Qualified
Description
The TLE7188F is a driver IC dedicated to control the 6 to 12 external MOSFETs forming the converter for high
current 3 phase motor drives in the automotive sector. It incorporates features like short circuit detection, diagnosis
and high output performance and combines it with typical automotive specific requirements like full functionality
even at low battery voltages. Its 3 high side and 3 low side output stages are powerful enough to drive MOSFETs
with 400nC gate charge with approx. 150 ns fall and rise times.
Typical applications are cooling fan, water pump, electro-hydraulic and electric power steering. The TLE7188F is
designed for 12 V power net.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com