Electronic Components Datasheet Search
  English  ▼

X  

TLE7188F Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE7188F
Description  3-Phase Bridge Driver IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7188F Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE7188F Datasheet HTML 2Page - Infineon Technologies AG TLE7188F Datasheet HTML 3Page - Infineon Technologies AG TLE7188F Datasheet HTML 4Page - Infineon Technologies AG TLE7188F Datasheet HTML 5Page - Infineon Technologies AG TLE7188F Datasheet HTML 6Page - Infineon Technologies AG TLE7188F Datasheet HTML 7Page - Infineon Technologies AG TLE7188F Datasheet HTML 8Page - Infineon Technologies AG TLE7188F Datasheet HTML 9Page - Infineon Technologies AG TLE7188F Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
TLE7188F
Pin Configuration
Data Sheet
6
V2.1, 2007-06-20
3.2
Pin Definitions and Functions
Pin
Symbol
Function
1
SL3
Connection to source low side switch 3
2
VS_OA
Voltage supply I-DC Link OpAmps and voltage reference buffer
3
VO1
Output of OpAmp 1 for shunt signal amplification
4
ISN1
- Input of OpAmp 1 for shunt signal amplification
5
ISP1
+ Input of OpAmp 1 for shunt signal amplification
6
VRI
Input of bias reference amplifier
7
VRO
Output of bias reference amplifier
8
VO2
Output of OpAmp 2 for shunt signal amplification
9
ISN2
- Input of OpAmp 2 for shunt signal amplification
10
ISP2
+ Input of OpAmp 2 for shunt signal amplification
11
VO3
Output of OpAmp 3 for shunt signal amplification
12
ISN3
- Input of OpAmp 3 for shunt signal amplification
13
ISP3
+ Input of OpAmp 3 for shunt signal amplification
14
AGND
Analog ground especially for the current sense OpAmps
15
INH
Inhibit pin (active low)
16
VTHOC
Threshold voltage for overcurrent detection
17
SCDL
Input pin to adjust short circuit detection level
18
ENA
Enable pin (active high)
19
IL3
Input for low side switch 3 (active high)
20
IH3
Input for high side switch 3 (active low)
21
IL1
Input for low side switch 1 (active high)
22
IH1
Input for high side switch 1 (active low)
23
IL2
Input for low side switch 2 (active high)
24
IH2
Input for high side switch 2 (active low)
25
ERR1
Error signal 1
26
ERR2
Error signal 2
27
CH2
+ terminal for pump capacitor of charge pump 2
28
CH1
+ terminal for pump capacitor of charge pump 1
29
CL1
- terminal for pump capacitor of charge pump 1
30
VS
Voltage supply
31
CL2
- terminal for pump capacitor of charge pump 2
32
GND3
Logic and power ground
33
CB1
Buffer capacitor for charge pump 1
34
VDH
Connection to drain of high side switches for short circuit detection
35
GL1
Output to gate low side switch 1
36
SL1
Connection to source low side switch 1
37
GND1
Logic and power ground
38
SH1
Connection to source high side switch 1
39
GH1
Output to gate high side switch 1
40
CB2
Buffer capacitor for charge pump 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com