Electronic Components Datasheet Search
  English  ▼

X  

TLE7241E Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE7241E
Description  Dual Channel Constant Current Control Solenoid Driver
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7241E Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE7241E Datasheet HTML 5Page - Infineon Technologies AG TLE7241E Datasheet HTML 6Page - Infineon Technologies AG TLE7241E Datasheet HTML 7Page - Infineon Technologies AG TLE7241E Datasheet HTML 8Page - Infineon Technologies AG TLE7241E Datasheet HTML 9Page - Infineon Technologies AG TLE7241E Datasheet HTML 10Page - Infineon Technologies AG TLE7241E Datasheet HTML 11Page - Infineon Technologies AG TLE7241E Datasheet HTML 12Page - Infineon Technologies AG TLE7241E Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 71 page
background image
TLE 7241E
Maximum Ratings
Data Sheet
9
Rev. 1.1, 2009-01-19
3
Maximum Ratings
Absolute Maximum Ratings1)
T
j = -40 to 150 °C
Pos. Parameter
Symbol
Limit Values
Unit Notes
Min.
Max.
Voltages
M.1
Supply Voltage
BAT
V
DD
V
SO
-0.3
-0.3
-0.3
50
6.0
6.0
Vdc
Vdc
Vdc
–
M.2
Analog Input Voltage
POSx
NEGx
POSx-NEGx
-0.3
-0.3
-0.3
50
50
20
Vdc
Vdc
Vdc
–
M.3
Output Voltage
OUTx
-0.3
50
Vdc –
M.4
Digital Input Voltage
REF
TEST
SI
SCK
CSB
DEFAULT
-0.3
-0.3
-0.3
-0.3
-0.3
-0.3
min. (6.0,
V
DD + 0.3)
6.0
6.0
6.0
min. (6.0,
V
SO + 0.3)
min. (6.0,
V
SO + 0.3)
Vdc
Vdc
Vdc
Vdc
Vdc
Vdc
–
M.5
Digital Output Pin
Voltage
SO
-0.3
min. (6.0,
V
SO + 0.3)
Vdc –
M.6
Dynamic Clamp
Voltage
Tclamp < 2.0 ms
BAT
POSx
NEGx
OUTx
-1.5
-1.5
-1.5
-1.5
–
–
–
–
V
V
V
V
–
M.7
Ground Pin Voltage
(GND)
GND
-0.3
0.3
Vdc –
M.8
Difference between
PGND1 and PGND2
PGNDx
-0.3
0.3
Vdc –
Others
M.9
Biased Junction
Temperature
T
j
-40
150
°C
–
M.10 Storage Temperature
T
st
-55
150
°C
–
M.11 Single Clamp Energy
(OUTx) I=1.0A
Tj=150
°C
E
max
–
30
mJ
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com