Electronic Components Datasheet Search
  English  ▼

X  

TLE7241E Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TLE7241E
Description  Dual Channel Constant Current Control Solenoid Driver
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7241E Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TLE7241E Datasheet HTML 17Page - Infineon Technologies AG TLE7241E Datasheet HTML 18Page - Infineon Technologies AG TLE7241E Datasheet HTML 19Page - Infineon Technologies AG TLE7241E Datasheet HTML 20Page - Infineon Technologies AG TLE7241E Datasheet HTML 21Page - Infineon Technologies AG TLE7241E Datasheet HTML 22Page - Infineon Technologies AG TLE7241E Datasheet HTML 23Page - Infineon Technologies AG TLE7241E Datasheet HTML 24Page - Infineon Technologies AG TLE7241E Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 71 page
background image
TLE 7241E
Functional Description and Electrical Characteristics
Data Sheet
21
Rev. 1.1, 2009-01-19
5.4.3
Open Load / Short to Ground Detection
The OLSG fault bit is set under the following conditions.
Operating Condition #1
The average current command is > 50 mA (with 1
Ω sense resistor) and the low-side
driver is ON (solenoid current is increasing).
The OLSG (open load/short to ground) fault bit will be set if the low-side transistor
remains on for a time greater than the on state open sense time (“Electrical
Characteristics” on Page 23, Item 5.4.3.3).
Operating Condition #2
The average current command is > 50 mA (with 1
Ω sense resistor) and the low-side
driver is OFF.
The OLSG fault bit is set if the voltage on the NEGx pin is less than the NEG pin OLSG
threshold voltage (“Electrical Characteristics” on Page 23, Item 5.4.3.6) for a time
greater than the NEG pin OLSG delay time (“Electrical Characteristics” on Page 23,
Item 5.4.3.5).
Operating Condition #3
The average current command is < 50 mA (with a 1
Ω sense resistor) and the fault typing
bit = 0.
The OLSG (open load/short to ground) fault bit will be set if the POS pin voltage is less
than the off state open load threshold (“Electrical Characteristics” on Page 20,
Item 5.4.2.3) for longer than the off state open load sense time (“Electrical
Characteristics” on Page 23, Item 5.4.3.4) or the NEG pin is less than the NEG pin
OLSG threshold voltage (“Electrical Characteristics” on Page 23, Item 5.4.3.6) for a
time greater than the NEG pin OLSG delay time (“Electrical Characteristics” on
Page 23, Item 5.4.3.5). A pull-down current (“Electrical Characteristics” on Page 23,
Item 5.4.3.1) will be activated between the POS pin and ground when the Fault Typing
bit = 0.
Operating Condition #4
The average current command is < 50 mA (with a 1
Ω sense resistor) and the fault typing
bit = 1.
The OLSG fault bit will be set when the voltage on the pin POSx is below the off state
open load threshold (“Electrical Characteristics” on Page 20, Item 5.4.2.3) for the a
time greater than
t
os(off) (“Electrical Characteristics” on Page 23, Item 5.4.3.4) or the
NEG pin is less than the NEG pin OLSG threshold voltage (“Electrical Characteristics”
on Page 23, Item 5.4.3.6) for a time greater than the NEG pin OLSG delay time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com