Electronic Components Datasheet Search
  English  ▼

X  

TLE42744 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE42744
Description  Low Dropout Linear Voltage Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE42744 Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE42744 Datasheet HTML 1Page - Infineon Technologies AG TLE42744 Datasheet HTML 2Page - Infineon Technologies AG TLE42744 Datasheet HTML 3Page - Infineon Technologies AG TLE42744 Datasheet HTML 4Page - Infineon Technologies AG TLE42744 Datasheet HTML 5Page - Infineon Technologies AG TLE42744 Datasheet HTML 6Page - Infineon Technologies AG TLE42744 Datasheet HTML 7Page - Infineon Technologies AG TLE42744 Datasheet HTML 8Page - Infineon Technologies AG TLE42744 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Data Sheet
5
Rev. 1.1, 2010-01-13
TLE42744
Pin Configuration
3.3
Pin Assignment PG-SSOP-14 exposed pad
Figure 3
Pin Configuration (top view)
3.4
Pin Definitions and Functions PG-SSOP-14 exposed pad
Pin No.
Symbol Function
1, 2, 3, 5, 6, 7 n.c.
not connected
can be open or connected to GND
4GND
Ground
8, 10, 11, 12,
14
n.c.
not connected
can be open or connected to GND
9Q
Output
block to ground with a capacitor close to the IC terminals, respecting the values given
for its capacitance and ESR in “Functional Range” on Page 7
13
I
Input
block to ground directly at the IC with a ceramic capacitor
Pad
–
Exposed Pad
connect to GND and heatsink area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com