Electronic Components Datasheet Search
  English  ▼

X  

TLE42744 Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # TLE42744
Description  Low Dropout Linear Voltage Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE42744 Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button TLE42744 Datasheet HTML 8Page - Infineon Technologies AG TLE42744 Datasheet HTML 9Page - Infineon Technologies AG TLE42744 Datasheet HTML 10Page - Infineon Technologies AG TLE42744 Datasheet HTML 11Page - Infineon Technologies AG TLE42744 Datasheet HTML 12Page - Infineon Technologies AG TLE42744 Datasheet HTML 13Page - Infineon Technologies AG TLE42744 Datasheet HTML 14Page - Infineon Technologies AG TLE42744 Datasheet HTML 15Page - Infineon Technologies AG TLE42744 Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
TLE42744
Electrical Characteristics
Data Sheet
12
Rev. 1.1, 2010-01-13
Dropout Voltage
V
dr versus
Junction Temperature (5 V versions only)
Maximum Output Current
I
Q versus
Input Voltage
V
I
Region Of Stability: Output Capacitor’s ESR
ESR(C
Q) versus Output Current IQ
05_VDR_TJ.VSD
0
50
100
150
200
250
300
350
400
450
500
-40
0
40
80
120
160
T j [°C]
I
Q = 400 mA
I
Q = 100 mA
I
Q = 10 mA
06_IQMAX_VI.VSD
0
100
200
300
400
500
600
700
800
900
010
20
30
40
V I [V]
V
Q = V Q,nom - 100 mV
T
j = -40 °C
T
j = 25 °C
T
j = 150 °C
07_ESR_IQ.VSD
0,01
0,1
1
10
0
100
200
300
400
I Q [mA]
C
Q = 22 µF
V
I = 13.5 V
Stable
Region
Unstable
Region



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com