Electronic Components Datasheet Search
  English  ▼

X  

TLE42754D Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE42754D
Description  Low Dropout Linear Fixed Voltage Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE42754D Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE42754D Datasheet HTML 1Page - Infineon Technologies AG TLE42754D Datasheet HTML 2Page - Infineon Technologies AG TLE42754D Datasheet HTML 3Page - Infineon Technologies AG TLE42754D Datasheet HTML 4Page - Infineon Technologies AG TLE42754D Datasheet HTML 5Page - Infineon Technologies AG TLE42754D Datasheet HTML 6Page - Infineon Technologies AG TLE42754D Datasheet HTML 7Page - Infineon Technologies AG TLE42754D Datasheet HTML 8Page - Infineon Technologies AG TLE42754D Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
Data Sheet
5
Rev. 1.1, 2008-09-24
TLE42754
Pin Configuration
3
Pin Configuration
3.1
Pin Assignment TLE42754D (PG-TO252-5) and TLE42754G (PG-TO263-5)
Figure 2
Pin Configuration (top view)
3.2
Pin Definitions and Functions TLE42754D (PG-TO252-5) and TLE42754G (PG-
TO263-5)
Pin
Symbol
Function
1I
Input
for compensating line influences, a capacitor to GND close to the IC terminals is
recommended
2RO
Reset Output
open collector output; external pull-up resistor to a positive potential required;
leave open if the reset function is not needed
3GND
TLE42754G (PG-TO263-5) only: Ground
internally connected to tab
4D
Reset Delay Timing
connect a ceramic capacitor to GND for adjusting the reset delay time;
leave open if the reset function is not needed
5Q
Output
block to GND with a capacitor close to the IC terminals, respecting the values given
for its capacitance CQ and ESR in the table “Functional Range” on Page 8
TAB
GND
Ground
connect to heatsink area
AEP02580
15
RO
Ι
DQ
GND
GND
RO
Ι
IEP02528
D
Q
P-TO252-5 (D-PAK)
P-TO263-5 (D²-PAK)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com