Electronic Components Datasheet Search
  English  ▼

X  

TLE42754D Datasheet(PDF) 15 Page - Infineon Technologies AG

Part # TLE42754D
Description  Low Dropout Linear Fixed Voltage Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE42754D Datasheet(HTML) 15 Page - Infineon Technologies AG

Back Button TLE42754D Datasheet HTML 11Page - Infineon Technologies AG TLE42754D Datasheet HTML 12Page - Infineon Technologies AG TLE42754D Datasheet HTML 13Page - Infineon Technologies AG TLE42754D Datasheet HTML 14Page - Infineon Technologies AG TLE42754D Datasheet HTML 15Page - Infineon Technologies AG TLE42754D Datasheet HTML 16Page - Infineon Technologies AG TLE42754D Datasheet HTML 17Page - Infineon Technologies AG TLE42754D Datasheet HTML 18Page - Infineon Technologies AG TLE42754D Datasheet HTML 19Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
Data Sheet
15
Rev. 1.1, 2008-09-24
TLE42754
Block Description and Electrical Characteristics
Typical Performance Characteristics Current Copnsumption
Current Consumption
I
q versus
Output Current
I
Q (IQ low)
Current Consumption
I
q versus
Output Current
I
Q
Current Consumption
I
q versus
Input Voltage
V
I
08_IQ_IQ_IQLOW.VSD
0
1
2
3
4
5
6
7
0
50
100
150
200
I Q [mA]
T
j = 150 °C
T
j = 25 °C
V
I = 13.5 V
09_IQ_IQ.VSD
0
5
10
15
20
25
30
0
100
200
300
400
500
I Q [mA]
T
j = 150 °C
T
j = 25 °C
V
I = 13.5 V
10_IQ_VI.VSD
0
10
20
30
40
50
60
0
10203040
V I [V]
R LOAD = 12.5 Ω
R LOAD = 500 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com